Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70800TF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V70800TF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70800TF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V70800TF Datasheet HTML 3Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 4Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 5Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 6Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 7Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 8Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 9Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 10Page - Integrated Device Technology IDT72V70800TF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
IDT72V70800 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
COMMERCIALTEMPERATURERANGE
TABLE 4 — OUTPUT HIGH IMPEDANCE CONTROL
TABLE 3 — INTERNAL REGISTER AND ADDRESS MEMORY MAPPING
TABLE 2 — CONSTANT THROUGHPUT
DELAY VALUE
TABLE 1 — VARIABLE THROUGHPUT
DELAY VALUE
NOTE:
1. Bit A7 must be high for access to data and connection memory positions. Bit A7 must be low for access to registers.
Delay for Variable Throughput Delay Mode
Input Rate
(m – output channel number)
(n – input channel number)
m < n
m = n, n+1, n+2
m > n+2
8.192 Mb/s 128 – (n-m) time-slots m-n + 128 time-slots m-ntime-slots
Delay for Constant Throughput Delay Mode
Input Rate
(m – output channel number)
(n – input channel number)
8.192 Mb/s
128 + (128 – n) + m time-slots
A7(1)
A6
A5
A4
A3
A2
A1
A0
Location
0
000
0000
Control Register, CR
0
000
0001
Interface Mode Selection Register, IMS
0
000
0010
Frame Alignment Register, FAR
0
000
0011
Frame Input Offset Register, FOR
1
000
0000
Ch0
1
000
0001
Ch1
1
0
0
.
....
.
1
001
1110
Ch30
1
001
1111
Ch31
1
010
0000
Ch32
1
010
0001
Ch33
1
0
1
.
....
.
1
011
1110
Ch62
1
011
1111
Ch63
1
100
0000
Ch64
1
100
0001
Ch65
1
1
0
.
....
.
1
111
1110
Ch126
1
111
1111
Ch127
OE bit in Connection
ODE pin
OSB bit in IMS
TX Output Driver
Memory
Register
Status
0
Don’t Care
Don’t Care
Per Channel
High-Impedance
1
0
0
High-Impedance
1
0
1
Enable
1
1
1
Enable
1
1
0
Enable


Similar Part No. - IDT72V70800TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70800TFG RENESAS-IDT72V70800TFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
More results

Similar Description - IDT72V70800TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70200 IDT-IDT72V70200 Datasheet
145Kb / 24P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com