Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V5378S133BG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70V5378S133BG
Description  3.3V 64/32K X 18 SYNCHRONOUS FOURPORT STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V5378S133BG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70V5378S133BG Datasheet HTML 6Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 7Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 8Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 9Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 10Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 11Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 12Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 13Page - Integrated Device Technology IDT70V5378S133BG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
IDT70V5388/78
3.3V 64/32K x 18 Synchronous FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
70V5388/78S200
Com'l Only
70V5388/78S166
Com'l
& Ind
70V5388/78S133
Com'l
& Ind
70V5388/78S100
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (All
Ports Active)
CE1 = CE2 = CE3 = CE4(5)
= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
S
405
470
340
395
275
320
205
240
mA
IND
S
___
___
340
400
275
325
205
245
ISB1
Standby Current
(All Ports - TTL
Level Inputs)
CE1 = CE2 = CE3 = CE4(5)
= VIH,
Outputs Disabled,
f = fMAX(1)
COM'L
S
195
225
160
190
130
155
100
120
mA
IND
S
___
___
160
195
130
160
100
125
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CEA
= VIL and CEB = CEC = CED = VIH(5)
Active Port, Outputs Disabled,
f=fMAX(1)
COM'L
S
250
290
210
240
170
195
130
150
mA
IND
S
___
___
210
245
170
200
130
155
ISB3
Full Standby Current (All
Ports - CMOS
Level Inputs)
All Ports Outputs Disabled,
CE(5)
> VDD - 0.2V, VIN > VDD - 0.2V
or VIN < 0.2V, f = 0(2)
COM'L
S
1.5151.5
15
1.5151.5
15
mA
IND
S
___
___
1.5151.5
15
1.515
ISB4
Full Standby Current
(One Port - CMOS
Level Inputs)
CEA
< 0.2V and CEB = CEC = CED > VDD - 0.2V(5)
VIN > VDD - 0.2V or VIN < 0.2V
Active Port, Outputs Disabled, f = fMAX(1)
COM'L
S
250
290
210
240
170
195
130
150
mA
IND
S
___
___
210
245
170
200
130
155
5649 tbl 11
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(3) (VDD = 3.3V ± 150mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Parameters are identical for all ports.
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDD - 0.2V
CEX
> VDD - 0.2V means CE0X > VDD - 0.2V or CE1X - 0.2V
"X" represents indicator for appropriate port.


Similar Part No. - IDT70V5378S133BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V525ML RENESAS-IDT70V525ML Datasheet
353Kb / 15P
   HIGH-SPEED 8K x 16 TriPort STATIC RAM
JANUARY 2009
More results

Similar Description - IDT70V5378S133BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com