Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V5378S166BC Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70V5378S166BC
Description  3.3V 64/32K X 18 SYNCHRONOUS FOURPORT STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V5378S166BC Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70V5378S166BC Datasheet HTML 4Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 5Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 6Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 7Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 8Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 9Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 10Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 11Page - Integrated Device Technology IDT70V5378S166BC Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
IDT70V5388/78
3.3V 64/32K x 18 Synchronous FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
CLK
MRST
CNTRST
MKLD
CNTLD
CNTINC
CNTRD
MKRD
Mode
Operation
X
L
XXX
XXX
Master-
Reset
Counter/Address Register Reset and Mask Register
Set (resets chip as per reset state definition)
H
L
X
X
X
X
X
Reset
Counter/Address Register Reset
H
H
L
X
X
X
X
Load
Load of Address Lines into Mask Register
H
H
H
L
X
X
X
Load
Load of Address Lines into Counter/Address
Register
HHHH
L
X
X
Increment Counter Increment
H
XXX
X
L
X
Read-
back
Readback Counter on Address Lines
H
XXX
X
H
L
Read-
back
Readback Mask Register on Address Lines
HH
H(3)
H
H
X
X
Hold
Counter Hold
5649 tbl 05
Address Counter and Counter-Mask Control Operational Table
(Any Port)(1,2)
NOTES:
1. "X" = "don't care", "H" = VIH, "L" = VIL.
2. Counter operation and mask register operation is independent of Chip Enable.
3. MKLD = VIL will also hold the counter. Please refer to Truth Table II.
RecommendedOperating
Temperature and Supply Voltage(1)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Symbol
Parameter
Min. Typ.
Max.
Unit
VDD
Supply Voltage
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address, Control & I/O Inputs)
2.0
____
VDD + 150mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
5649 tbl 07
Recommended DC Operating
Conditions
NOTES:
1. Undershoot of VIL > -1.5V for pulse width less than 10ns is allowed.
2. VTERM must not exceed VDD + 150mV.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 150mV
Industrial
-40OC to +85OC0V
3.3V
+ 150mV
5649 tbl 06


Similar Part No. - IDT70V5378S166BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V525ML RENESAS-IDT70V525ML Datasheet
353Kb / 15P
   HIGH-SPEED 8K x 16 TriPort STATIC RAM
JANUARY 2009
More results

Similar Description - IDT70V5378S166BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com