Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P72804S167BQ Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT71P72804S167BQ
Description  18Mb Pipelined QDRII SRAM Burst of 2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P72804S167BQ Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT71P72804S167BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 9Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 10Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 11Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 12Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 13Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 14Page - Integrated Device Technology IDT71P72804S167BQ Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.42
11
IDT71P72204 (2M x 8-Bit), 71P72104 (2M x 9-Bit), 71P72804 (1M x 18-Bit) 71P72604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 2
Commercial Temperature Range
DC Electrical Characteristics Over the Operating Temperature and
Supply Voltage Range (VDD = 1.8 ± 100mV, VDDQ = 1.4V to 1.9V)
Parameter
Symbol
Test Conditions
Min
Max
Unit
Note
Input Leakage Current
IIL
VDD = Max VIN = VSS to VDDQ
-10
+10
µA
Output Leakage Current
IOL
Output Disabled
-10
+10
µA
Operating Current
(x36,x18,x9,x8): DDR
IDD
VDD = Max,
IOUT = 0mA (outputs open),
Cycle Time > tKHKH Min
250MHZ
-
TBD
mA
1
200MHZ
-
TBD
167MHZ
-
TBD
Standby Current: NOP
ISB1
Device Deselected (in NOP state),
Iout = 0mA (outputs open),
f=Max,
All Inputs <0.2V or > VDD -0.2V
250MHZ
-
TBD
mA
2
200MHZ
-
TBD
167MHZ
-
TBD
Output High Voltage
VOH1
RQ = 250
Ω, IOH = -15mA
VDDQ/2-0.12
VDDQ/2+0.12
V
3,7
Output Low Voltage
VOL1
RQ = 250
Ω, IOL = 15mA
VDDQ/2-0.12
VDDQ/2+0.12
V
4,7
Output High Voltage
VOH2
IOH = -0.1mA
VDDQ-0.2
VDDQ
V
5
Output Low Voltage
VOL2
IOL = 0.1mA
VSS
0.2
V
6
6109 tbl 10c
NOTES:
1. Operating Current is measured at 100% bus utilization.
2. Standby Current is only after all pending read and write burst operations are completed.
3. Outputs are impedance-controlled. IOH = -(VDDQ/2)/(RQ/5) and is guaranteed by device characterization for 175
Ω < RQ < 350Ω. This
parameter is tested at RQ = 250
Ω, which gives a nominal 50Ω output impedance.
4. Outputs are impedance-controlled. IOL = (VDDQ/2)/(RQ/5) and is guaranteed by device characterization for 175
Ω < RQ < 350Ω. This
parameter is tested at RQ = 250
Ω, which gives a nominal 50Ω output impedance.
5. This measurement is taken to ensure that the output has the capability of pulling to the VDDQ rail, and is not intended to be used as an
impedance measurement point.
6. This measurement is taken to ensure that the output has the capability of pulling to Vss, and is not intended to be used as an impedance
measurement point.
7. Programmable Impedance Mode.


Similar Part No. - IDT71P72804S167BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73104 IDT-IDT71P73104 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104167BQ IDT-IDT71P73104167BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104200BQ IDT-IDT71P73104200BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104250BQ IDT-IDT71P73104250BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
More results

Similar Description - IDT71P72804S167BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com