Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14013BDT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14013BDT
Description  Dual Type D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14013BDT Datasheet(HTML) 1 Page - ON Semiconductor

  MC14013BDT Datasheet HTML 1Page - ON Semiconductor MC14013BDT Datasheet HTML 2Page - ON Semiconductor MC14013BDT Datasheet HTML 3Page - ON Semiconductor MC14013BDT Datasheet HTML 4Page - ON Semiconductor MC14013BDT Datasheet HTML 5Page - ON Semiconductor MC14013BDT Datasheet HTML 6Page - ON Semiconductor MC14013BDT Datasheet HTML 7Page - ON Semiconductor MC14013BDT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14013B/D
MC14013B
Dual Type D Flip-Flop
The MC14013B dual type D flip–flop is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. Each flip–flop has independent Data, (D), Direct
Set, (S), Direct Reset, (R), and Clock (C) inputs and complementary
outputs (Q and Q). These devices may be used as shift register
elements or as type T flip–flops for counter and toggle applications.
Static Operation
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Logic Edge–Clocked Flip–Flop Design
Logic state is retained indefinitely with clock level either high or low;
information is transferred to the output only on the positive–going
edge of the clock pulse
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
Pin–for–Pin Replacement for CD4013B
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14013BCP
PDIP–14
2000/Box
MC14013BD
SOIC–14
55/Rail
MC14013BDR2
SOIC–14
2500/Tape & Reel
MC14013BDT
TSSOP–14
MC14013BF
SOEIAJ–14
96/Rail
See Note 1.
MARKING
DIAGRAMS
1
14
PDIP–14
P SUFFIX
CASE 646
MC14013BCP
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
TSSOP–14
DT SUFFIX
CASE 948G
1
14
14013B
AWLYWW
14
013B
ALYW
1
14
SOEIAJ–14
F SUFFIX
CASE 965
1
14
MC14013B
AWLYWW
MC14013BFEL
SOEIAJ–14
See Note 1.
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MC14013BDTR2
TSSOP–14 2500/Tape & Reel


Similar Part No. - MC14013BDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14013BDTR2 ONSEMI-MC14013BDTR2 Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013BDTR2G ONSEMI-MC14013BDTR2G Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013BDTR2G ONSEMI-MC14013BDTR2G Datasheet
157Kb / 9P
   Dual Type D Flip-Flop
September, 2012 ??Rev. 9
MC14013BDTR2G ONSEMI-MC14013BDTR2G Datasheet
129Kb / 8P
   Dual Type D Flip-Flop
July, 2014 ??Rev. 10
More results

Similar Description - MC14013BDT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com