Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V5388S166BGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V5388S166BGI
Description  3.3V 64/32K X 18 SYNCHRONOUS FOURPORT STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V5388S166BGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V5388S166BGI Datasheet HTML 1Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 2Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 3Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 4Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 5Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 6Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 7Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 8Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
IDT70V5388/78
3.3V 64/32K x 18 Synchronous FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
Description
TheIDT70V5388/78isahigh-speed64/32Kx18bit
synchronous FourPort RAM. The memory array utilizes
FourPort memory cells to allow simultaneous access of
any address from all four ports. Registers on control, data,
and address inputs provide minimal setup and hold times.
The timing latitude provided by this approach allows sys-
tems to be designed with very short cycle times.
With an input data register and integrated burst
counters, the 70V5388/78 has been optimized for applica-
tions having unidirectional or bi-directional data flow in
bursts. An automatic power down feature, controlled byCE0
and CE1, permits the on-chip circuitry of each port to enter
a very low standby power mode.
TheIDT70V5388/78providesawiderangeoffunc-
tions specially designed to facilitate system operations.
These include full-boundary, maskable address counters
with associated interrupts for each port, mailbox interrupt
flags on each port to facilitate inter-port communications,
Memory Built-In Self-Test (MBIST), JTAG support and an
asynchronous Master Reset to simplify device initializa-
tion. In addition, the address lines have been set up as I/O
pins, to permit the support of CNTRD (the ability to output the
current value of the internal address counter on the address
lines) and MKRD (the ability to output the current value of the
counter mask register). For specific details on the device
operation, please refer to the Functional Description and
subsequent explanatory sections, beginning on page 21.


Similar Part No. - IDT70V5388S166BGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V525ML RENESAS-IDT70V525ML Datasheet
353Kb / 15P
   HIGH-SPEED 8K x 16 TriPort STATIC RAM
JANUARY 2009
More results

Similar Description - IDT70V5388S166BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com