Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V5388S166BGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70V5388S166BGI
Description  3.3V 64/32K X 18 SYNCHRONOUS FOURPORT STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V5388S166BGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70V5388S166BGI Datasheet HTML 5Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 6Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 7Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 8Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 9Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 10Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 11Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 12Page - Integrated Device Technology IDT70V5388S166BGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
6.42
IDT70V5388/78
3.3V 64/32K x 18 Synchronous FourPort™ Static RAM
Industrial and Commercial Temperature Ranges
9
Symbol
Parameter
Test Conditions
70V5388/78S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDD = Max., VIN = 0V to VDD
___
10
µA
|ILI|
JTAG Input Leakage Current(1,2)
VDD = Max., VIN = 0V to VDD
___
30
µA
|ILO|
Output Leakage Current(1)
VOUT = 0V to VDD, Outputs in tri-state mode
___
10
µA
VOL
Output Low Voltage
IOL = +4mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -4mA, VDD = Min.
2.4
___
V
5649 tbl 10
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 150mV)
NOTE:
1. At VDD < 2.0V leakages are undefined.
2. Applicable only for TMS, TDI and TRST inputs.
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
-0.5 to +4.6
V
TBIAS(3)
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT
DC Output Current
50
mA
5623 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10.5
pF
5649 tbl 09
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD + 150mV for more than 25% of the cycle time or
4ns maximum, and is limited to < 20mA for the period of VTERM > VDD + 150mV.
3. Ambient Temperature under DC Bias. No AC conditions. Chip Deselected.
Capacitance(1)
(TA = +25°C, F = 1.0MHZ)
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.


Similar Part No. - IDT70V5388S166BGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V525ML RENESAS-IDT70V525ML Datasheet
353Kb / 15P
   HIGH-SPEED 8K x 16 TriPort STATIC RAM
JANUARY 2009
More results

Similar Description - IDT70V5388S166BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com