Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1201 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1201
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1201 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1201 Datasheet HTML 6Page - ON Semiconductor NCP1201 Datasheet HTML 7Page - ON Semiconductor NCP1201 Datasheet HTML 8Page - ON Semiconductor NCP1201 Datasheet HTML 9Page - ON Semiconductor NCP1201 Datasheet HTML 10Page - ON Semiconductor NCP1201 Datasheet HTML 11Page - ON Semiconductor NCP1201 Datasheet HTML 12Page - ON Semiconductor NCP1201 Datasheet HTML 13Page - ON Semiconductor NCP1201 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP1201
http://onsemi.com
10
DETAILED OPERATING DESCRIPTION
Introduction
The NCP1201 implements a standard current mode
architecture where the switch−off time is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part−count is the key criteria,
particularly in low−cost AC−DC adapters, auxiliary
supplies etc. Due to its high−performance High−Voltage
technology, the NCP1201 incorporates all the necessary
components normally needed in UC384X based supplies:
timing components, feedback devices, low−pass filter and
self−supply. This later point emphasizes the fact that
ON Semiconductor’s NCP1201 does NOT need an
auxiliary winding to operate: the device is self supplied from
the high−voltage rail and delivers a VCC to the IC. This
system is named the Dynamic Self−Supply (DSS).
Dynamic Self−Supply
The DSS principle is based on the charge/discharge of the
VCC bulk capacitor from a low level up to a higher level. We
can easily describe the current source operation following
simple logic equations:
POWER−ON: IF VCC < VCCOFF THEN
Current Source is ON, no output pulses
IF VCC decreasing > VCCON THEN
Current Source is OFF, output is pulsing
IF VCC increasing < VCCOFF THEN
Current Source is ON, output is pulsing
Typical values are: VCCOFF = 12.5 V, VCCON = 10.5 V
To better understand the operation principle, Figure 27
sketch offers the necessary explanation,
Figure 27. The Charge/Discharge Cycle Over a 10
mF VCC Capacitor
10 mS
30 mS
50 mS
70 mS
90 mS
Current
Source
OFF
VCC
Output Pulses
Vripple = 2 V
VCCOFF = 12.5 V
VCCON = 10.5 V
ON
The DSS behavior actually depends on the internal IC
consumption and the MOSFET’s gate charge Qg. If we
select a MOSFET like the MTP2N60E, Qg max equals
22 nC. With a maximum switching frequency of 70 kHz for
the oscillator 60 kHz, the average power necessary to drive
the MOSFET (excluding the driver efficiency and
neglecting various voltage drops) is:
Pdriver + Fsw(max)
Qg
VCC
(eq. 1)
Where,
Pdriver = Average Power to drive the MOSFET
Fsw(max) = Maximum switching frequency
Qg = MOSFET’s gate charge
VCC = VGS level applied to the gate of the MOSFET
To obtain an estimation of the driving current, simply
divide Pdriver by VCC,
Idriver + Fsw(max)
Qg + 1.54 mA (eq. 2)
The total standby power consumption at no−load will
therefore heavily rely on the internal IC current
consumption plus the driving current (altered by the driver’s
efficiency). Suppose that the IC is supplied from a 350 VDC
line. The current flowing through pin 8 is a direct image of
the
NCP1201
current
consumption
(neglecting
the
switching losses of the HV current source). If ICC2 equals
2.1 mA @ TA = 25°C, then the power dissipated (lost) by the
IC is simply: 350 V x 2.1 mA = 735 mW. For design and
reliability reasons, it would be interesting to reduce this
source of wasted power. In order to achieve that, different
methods can be used.
1. Use a MOSFET with lower gate charge Qg;
2. Connect pin through a diode (1N4007 typically) to
one of the mains input. The average value on pin 8
becomes:
VmainsPEAK
2
p
(eq. 3)


Similar Part No. - NCP1201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201 ONSEMI-NCP1201 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1201 ONSEMI-NCP1201 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1201 ONSEMI-NCP1201 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1201D100R2 ONSEMI-NCP1201D100R2 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1201D100R2G ONSEMI-NCP1201D100R2G Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
More results

Similar Description - NCP1201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201 ONSEMI-NCP1201_06 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com