Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1201D60R2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1201D60R2
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1201D60R2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1201D60R2 Datasheet HTML 5Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 6Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 7Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 8Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 9Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 10Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 11Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 12Page - ON Semiconductor NCP1201D60R2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP1201
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 21. FB Pin Pullup Resistor
vs. Junction Temperature
Figure 22. Feedback Pin to Pin 3 Current Setpoint Ratio
vs. Junction Temperature
Figure 23. BOK Threshold Voltage
vs. Junction Temperature
Figure 24. BOK Input Bias Current
vs. Junction Temperature
Figure 25. BOK Source Bias Current
vs. Junction Temperature
Figure 26. Skip Mode Threshold Voltage
vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
1.15
1.10
1.05
1.00
0.95
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
19
18
16
13
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
51
50
49
46
45
47
17
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
2.00
1.95
1.85
1.75
1.70
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
12
9
8
7
6
10
1.90
15
14
11
48
VBOK < Vth
1.80
VBOK < Vth
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
3.40
3.20
3.10
3.05
3.00
3.30
3.15
3.25
3.35


Similar Part No. - NCP1201D60R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201D60R2 ONSEMI-NCP1201D60R2 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1201D60R2G ONSEMI-NCP1201D60R2G Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
More results

Similar Description - NCP1201D60R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201 ONSEMI-NCP1201_06 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com