Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81SMY6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T81SMY6F
Description  Serial Access Real-Time Clock with Alarms
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SMY6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T81SMY6F Datasheet HTML 7Page - STMicroelectronics M41T81SMY6F Datasheet HTML 8Page - STMicroelectronics M41T81SMY6F Datasheet HTML 9Page - STMicroelectronics M41T81SMY6F Datasheet HTML 10Page - STMicroelectronics M41T81SMY6F Datasheet HTML 11Page - STMicroelectronics M41T81SMY6F Datasheet HTML 12Page - STMicroelectronics M41T81SMY6F Datasheet HTML 13Page - STMicroelectronics M41T81SMY6F Datasheet HTML 14Page - STMicroelectronics M41T81SMY6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11/29
M41T81S
CLOCK OPERATION
The 20-byte Register Map (see Table 2., page 12)
is used to both set the clock and to read the date
and time from the clock, in a binary coded decimal
format. Tenths/Hundredths of Seconds, Seconds,
Minutes, and Hours are contained within the first
four registers.
Note: Tenths/Hundredths of Seconds cannot be
written to any value other than “00.”
Bits D6 and D7 of Clock Register 03h (Century/
Hours Register) contain the CENTURY ENABLE
Bit (CEB) and the CENTURY Bit (CB). Setting
CEB to a '1' will cause CB to toggle, either from '0'
to '1' or from '1' to '0' at the turn of the century (de-
pending upon its initial state). If CEB is set to a '0,'
CB will not toggle. Bits D0 through D2 of Register
04h contain the Day (day of week). Registers 05h,
06h, and 07h contain the Date (day of month),
Month and Years. The ninth clock register is the
Calibration Register (this is described in the Clock
Calibration section). Bit D7 of Register 01h con-
tains the STOP Bit (ST). Setting this bit to a '1' will
cause the oscillator to stop. If the device is expect-
ed to spend a significant amount of time on the
shelf, the oscillator may be stopped to reduce cur-
rent drain. When reset to a '0' the oscillator restarts
within one second.
The eight Clock Registers may be read one byte at
a time, or in a sequential block. Provision has been
made to assure that a clock update does not occur
while any of the eight clock addresses are being
read. If a clock address is being read, an update of
the clock registers will be halted. This will prevent
a transition of data during the READ.
Power-down Timestamp
When a power failure occurs, the HALT (HT) Bit
will automatically be set to a '1.' This will prevent
the clock from updating the TIMEKEEPER® regis-
ters, and will allow the user to read the exact time
of the power-down event. Resetting the HT Bit to
a '0' will allow the clock to update the TIMEKEEP-
ER registers with the current time.
TIMEKEEPER® Registers
The M41T81S offers 20 internal registers which
contain Clock, Alarm, Watchdog, Flags, Square
Wave and Calibration data. These registers are
memory locations which contain external (user ac-
cessible) and internal copies of the data (usually
referred to as BiPORTTIMEKEEPER cells). The
external copies are independent of internal func-
tions except that they are updated periodically by
the simultaneous transfer of the incremented inter-
nal copy. The internal divider (or clock) chain will
be reset upon the completion of a WRITE to any
clock address.
The system-to-user transfer of clock data will be
halted whenever the address being read is a clock
address (00h to 07h). The update will resume ei-
ther due to a Stop Condition or when the pointer
increments to any non-clock address (08h-13h).
TIMEKEEPER and Alarm Registers store data in
BCD. Calibration, Watchdog and Square Wave
Registers store data in Binary Format.


Similar Part No. - M41T81SMY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81SMY6 STMICROELECTRONICS-M41T81SMY6 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81SMY6T STMICROELECTRONICS-M41T81SMY6T Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
More results

Similar Description - M41T81SMY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
   Serial Access Digital Input Real-Time Clock with Alarms
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
   Serial real-time clock with alarms
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com