Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX802 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MX802
Description  DVSR CODEC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX802 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MX802 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX802 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DVSR CODEC
6
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
3
External Components
A0 - A9
A0 - A9
A0 - A9
A0 - A9
WE
WE
WE
WE
CAS
CAS
CAS
CAS
RAS
RAS
RAS
RAS
D
D
D
D
Q
Q
Q
Q
4X1Mbit
DRAM
X
XTAL
XTAL/CLOCK
R
R
R
C
R
C
C
C
C
C
V
V
V
V
V
V
V
4
5
MX802J
3
1
4
6
3
4
1
5
2
BIAS
SS
SS
DD
DD
SS
SS
1
2
*
*
*
*
*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SEE INSET
INSET
CAS
A9
RAS3
RAS4
A8
A7
A6
A5
A4
A3/ECK
A2/DCK
A1/DEI
A0/ENO
RAS2
RAS1
WE
XTAL
XTAL/CLOCK
IRQ
SERIAL CLOCK
COMMAND DATA
CS
REPLY DATA
AUDIO OUT
AUDIO IN
MX802J
Figure 2: Recommended External Components
Component
Notes
Value
Tolerance
Component
Notes
Value
Tolerance
R1
22.0k

±5%
C4
1.0µF
±20%
R2
1.0M

±10%
C5
1.0µF
±20%
R3
1
±10%
C6
.001
F
±20%
R4
1.0k

±10%
C1
1.0µF
±10%
X1
4.00MHz
C2
33.0pF
±20%
X1
4.032MHz
C3
33.0pF
±20%
X1
4.096MHz
Table 2: Recommended External Components


Similar Part No. - MX802

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX802 CMLMICRO-MX802 Datasheet
220Kb / 24P
   DVSR CODEC
MX802J CMLMICRO-MX802J Datasheet
220Kb / 24P
   DVSR CODEC
MX802LH CMLMICRO-MX802LH Datasheet
220Kb / 24P
   DVSR CODEC
MX802LH8 CMLMICRO-MX802LH8 Datasheet
220Kb / 24P
   DVSR CODEC
More results

Similar Description - MX802

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX802 CMLMICRO-FX802 Datasheet
129Kb / 14P
   DVSR CODEC
MX802 CMLMICRO-MX802 Datasheet
220Kb / 24P
   DVSR CODEC
logo
NXP Semiconductors
SAA7108AE NXP-SAA7108AE Datasheet
1Mb / 208P
   HD-CODEC
Rev. 03-6 February 2007
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
LAPIS Semiconductor Co....
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
   VoIP CODEC
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
Texas Instruments
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com