Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S64323LF-DN75-PB Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4S64323LF-DN75-PB
Description  2Mx32 Mobile SDRAM 90FBGA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S64323LF-DN75-PB Datasheet(HTML) 5 Page - Samsung semiconductor

  K4S64323LF-DN75-PB Datasheet HTML 1Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 2Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 3Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 4Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 5Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 6Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 7Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K4S64323LF-S(D)N/U/P
Rev. 1.5 Dec 2002
CMOS SDRAM
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25
°C to 85°C for Extended, -40°C to 85°C for Industrial)
Notes :
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S64323LF-S(D)N/P**
4. K4S64323LF-S(D)U**
5. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ).
Parameter
Symbol
Test Condition
Version
Unit Note
-75
-1H
-1L
-15
Operating Current
(One Bank Active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
70
70
65
60
mA
1
Precharge Standby Current
in power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
0.5
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
0.5
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
10
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
7
Active Standby Current
in power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
5
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
5
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
20
mA
Operating Current
ICC4
IO = 0 mA ,Page burst
85
70
70
60
mA
1
Refresh Current
ICC5
tRC
≥ tRC(min)
115
110
100
80
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
-S(D)N/P
350
uA
3
-S(D)U
230
4


Similar Part No. - K4S64323LF-DN75-PB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-DG/S15 SAMSUNG-K4S64323LF-DG/S15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S1H SAMSUNG-K4S64323LF-DG/S1H Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S1L SAMSUNG-K4S64323LF-DG/S1L Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S75 SAMSUNG-K4S64323LF-DG/S75 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG15 SAMSUNG-K4S64323LF-DG15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
More results

Similar Description - K4S64323LF-DN75-PB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com