Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-713E-HE000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-713E-HE000
Description  17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-713E-HE000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-713E-HE000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-713E-HE000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-713E-HE000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-713E-HE000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-713E-HE000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-713E-HE000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-713E-HE000 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Optical/Electrical Characteristics at TA = 25°C
High Efficiency Red
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units
Conditions
Luminous Intensity/Dot
IV
1.289
2.500
mcd
IF = 50 mA,
(Digit Average)[1]
20% Duty Factor
Peak Wavelength
PEAK
632
nm
IF = 20 mA
Dominant Wavelength[2]
d
622
nm
IF = 20 mA
Forward Voltage
VF
3.40
V
IF = 50 mA
2.05
2.50
IF = 20 mA
1.60
IF = 5 mA
Reverse Voltage[3]
VR
5V
IR = 100 µA
Luminous Intensity
V-M
2:1
IF = 50 mA
Matching Ratio
20% Duty Factor
701E
711E
703E
713E
Absolute Maximum Ratings at TA = 25°C
HER
AlGaAs
Green
HDSP-701E/
HDSP-701A/
HDSP-701G/
Parameter
711E/703E/
703A/711A/
711G/703G/
713E
713A
713G
Units
Average Power per Dot[1]
75
75
75
mW
Peak Forward Current per Dot[1,2]
90
125
90
mA
(1/10 Duty Cycle, 0.1 ms Pulse Width)
Average Forward Current per Dot[1]
23
23[3]
15[2]
mA
Reverse Voltage per Dot
5
5
5
V
Operating Temperature
–40 to +85
–40 to +85
–40 to +85
°C
Storage Temperature
–40 to +85
–40 to +85
–40 to + 85
°C
Wave Soldering Temperature for 3 seconds[3]
250
250
250
°C
(1.6 mm [0.063 in.] below Body)
Notes:
1. Do not exceed maximum average current per dot.
2. Derate above 35
°C at 0.2 mA/°C.
3. Not recommended to be soldered more than 2 times. Minimum interval between solderings is 15 minutes. Total soldering time not
to exceed 5 seconds.


Similar Part No. - HDSP-713E-HE000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-713E AVAGO-HDSP-713E Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-713E-HE000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com