Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7602 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7602
Description  PWM control Step-Up / Flyback switching regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7602 Datasheet(HTML) 6 Page - New Japan Radio

  NJU7602 Datasheet HTML 1Page - New Japan Radio NJU7602 Datasheet HTML 2Page - New Japan Radio NJU7602 Datasheet HTML 3Page - New Japan Radio NJU7602 Datasheet HTML 4Page - New Japan Radio NJU7602 Datasheet HTML 5Page - New Japan Radio NJU7602 Datasheet HTML 6Page - New Japan Radio NJU7602 Datasheet HTML 7Page - New Japan Radio NJU7602 Datasheet HTML 8Page - New Japan Radio NJU7602 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJU7600
- 6 -
Ver.2005-03-01
■TYPICAL CHARACTERISTICS
100
1000
10
100
Oscillation Frequency vs. Timing Resistance
(V+=3.3V, Ta=25oC)
Timing Resistance R
T
(k
Ω)
80
85
90
95
100
100
1000
Maximum Duty Cycle vs. Oscillator Frequency
(V
+=3.3V, Ta=25oC)
Oscillator Frequency f
OSC
(kHz)
660
680
700
720
740
02
4
6
8
10
Operating Voltage V
+ (V)
Oscillation Frequency vs. Operating Voltage
(R
T
=47k
Ω, Ta=25oC)
0
20
40
60
80
100
0
20
406080
100
Dead Time Control Resistance R
DTC
(k
Ω)
Duty Cycle vs. R
DTC
(V+=3.3V, R
T
=47k
Ω, Ta=25oC)
0.996
0.998
1
1.002
1.004
02
468
10
Operating Voltage V
+ (V)
Reference Voltage vs. Operating Voltage
(V+=3.3V, Ta=25
oC)
0
200
400
600
800
1000
1200
1400
024
68
10
Operating Voltage V
+ (V)
Quiescent Current vs. Operating Voltage
(R
T
=47k
Ω, R
L
=Non Load, Ta=25
oC)


Similar Part No. - NJU7602

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630M NJRC-NJU7630M Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630RB1 NJRC-NJU7630RB1 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
More results

Similar Description - NJU7602

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
   1.8V Operate PWM control Step-Up / Flyback switching regulator IC
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJU7678 NJRC-NJU7678 Datasheet
150Kb / 9P
   Internal 60V, 3A MOSFET Step-Up / Flyback Switching Regulator IC
logo
AiT Semiconductor Inc.
A7523 AITSEMI-A7523 Datasheet
573Kb / 10P
   DC-DC CONVERTERBOOST(STEP-UP) SUPER-SMALL PACKAGE PWM CONTROL STEP-UP SWITCHING REGULATOR
REV1.1
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com