Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX826 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MX826
Description  AMPS/NAMPS SYSTEM AUDIO PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX826 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MX826 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 10Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 11Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 12Page - List of Unclassifed Manufacturers MX826 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AMPS/NAMPS System Audio Processor.
MX826 Preliminary Information
© 1997 MX
•COM Inc.
www.mxcom.com
Tele: 800 638-5577
910 744-5050
Fax: 910 744-5054
Doc. # 20480070.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Characteristics
See Note
Min.
Typ.
Max.
Unit
Control Interface Parameters
Input Logic Levels
Logic “1”
1
3.5
V
Logic “0”
1
1.5
V
I
IN (logic “1” or “0”)
1
-1.0
1.0
µA
Input Capacitance
1
7.5
pF
Channel Performances
TX Path
Filter Specifications
Pre-Compression L/HPF Combination
Passband
300
3000
Hz
Slope - below 300Hz
+24.0
dB/oct.
above 3000Hz
-24.0
dB/oct.
TX Gain Pre-Emphasis
Gain at 1.0kHz
0
dB
Slope (300Hz - 3000Hz)
6.0
dB/oct.
Post Deviation Limiter LPF
Attenuation Relative to 1.0kHz
3.0kHz - 5.9kHz
-
40 log(f/3000)
-
dB
5.9kHz - 6.1kHz
-
35.0
-
dB
6.1kHz - 15kHz
-
40 log(f/3000)
-
dB
>15kHz
-
28.0
-
dB
Analog Signal Input Levels
Mic. 1 and 2
2
0
dB
Play
2
0
dB
DTMF
2
0
dB
Comp. In
2
0
dB
TX Mix In
2
0
dB
Analog Signal Output Levels
Pre-Emp Out
2
0
dB
TX Filter Out
2
0
dB
TX Mod Out
2
0
dB
Sidetone Out
2
0
dB
Path Gains/Levels
TX Gain – 11
H
Nominal Adjustment Range
-2.65
3.65
dB
Error of any Setting
-0.2
0.2
dB
Dev Limiter
Threshold
1086
mVp-p
Symmetry
7.0
%
Mod Level Attenuation – 11
H
Nominal Adjustment Range
-5.6
0
dB
Step Size
0.2
0.4
0.6
dB
Error of any Setting
-1.0
1.0
dB
Overall
TX Distortion
-40.0
-32.0
dBp
TX Hum and Noise
-40.0
-20.0
dB
RX Signal Path
Filter Specifications
RX Gain De-Emphasis
Gain at 1.0kHz
3.75
dB
Slope (300Hz - 3000Hz)
-6.0
dB/oct.
RX Channel Bandpass
300
3000
Hz
Slope - below 300Hz
+24.0
dB/oct.
above 3000Hz
-36.0
dB/oct.


Similar Part No. - MX826

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX802 ETC1-MX802 Datasheet
216Kb / 24P
   DVSR CODEC
logo
CML Microcircuits
MX802 CMLMICRO-MX802 Datasheet
220Kb / 24P
   DVSR CODEC
logo
List of Unclassifed Man...
MX802J ETC1-MX802J Datasheet
216Kb / 24P
   DVSR CODEC
logo
CML Microcircuits
MX802J CMLMICRO-MX802J Datasheet
220Kb / 24P
   DVSR CODEC
logo
List of Unclassifed Man...
MX802LH ETC1-MX802LH Datasheet
216Kb / 24P
   DVSR CODEC
More results

Similar Description - MX826

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9191A MAS-MAS9191A Datasheet
438Kb / 36P
   Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
   AMPS / TACS SYSTEM AUDIO PROCESSOR
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
   NMT SYSTEM AUDIO PROCESSOR
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com