Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX826DW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MX826DW
Description  AMPS/NAMPS SYSTEM AUDIO PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX826DW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MX826DW Datasheet HTML 1Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 2Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 3Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 4Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 5Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 6Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 7Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 8Page - List of Unclassifed Manufacturers MX826DW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AMPS/NAMPS System Audio Processor.
MX826 Preliminary Information
© 1997 MX
•COM Inc.
www.mxcom.com
Tele: 800 638-5577
910 744-5050
Fax: 910 744-5054
Doc. # 20480070.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Application Information
Notes
1.
Xtal/clock operation
Operation of any MX-COM IC without a Xtal or
clock input may cause device damage. To minimize
damage in the event of a Xtal/drive failure, you
should install a current limiting device (resistor or
fast-reaction fuse) on the power input (V
DD).
Figure 2 - Recommended External Components
Tolerances –
Capacitors ±20%
C
3
=
100nF
C
4
100nF
C
5
100nF
C
6
100nF
C
7
100nF
C
13
=
100nF
C
14
100nF
C
15
100pF
C
16
100nF
X
1
4.000MHz
R
1
=
100k
R
2
as required
R
3
100k
R
4
as required
C
1
100nF
C
2
100nF
C
8
=
100nF
C
9
33pF
C
10
100nF
C
11
33pF
C
12
1.0
µF
2.
SAT Output
It is possible, due to the impedance of this output,
that an external buffer amplifier will be required
when interfacing or mixing with other cellular system
sections.
3.
TX Mix Gain
The value of R
4 should be chosen with R3/C15 in
order to provide the required gain.
XTAL/CLOCK
SERIAL CLOCK
COMMAND DATA
VBIAS
RX AUDIO IN
EXPAND/STORE
(EXPANDED) AUDIO IN
TX MOD OUT
LS AUDIO OUT
EAR AUDIO OUT
SIDETONE OUT
VSS
SAT OUT
TX MIX IN
TX FILTER OUT
DEV LIM IN
PRE-EMP OUT
DTMF IN
(COMPRESSED) AUDIO IN
COMPRESS
MIC.2 IN
MIC.1 IN
PLAY IN
VDD
CHIP SELECT
VDD
XTAL
C11
C 9
X 1
C 4
C 8
C
12
C 7
C 6
C 5
C 1
C 3
C
10
MX826J
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TX MIX
C
13
C 2
Signaling and
Wideband Data
C
14
C
15
C
16
R
1
R
3
R
4
R
2


Similar Part No. - MX826DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX802 ETC1-MX802 Datasheet
216Kb / 24P
   DVSR CODEC
logo
CML Microcircuits
MX802 CMLMICRO-MX802 Datasheet
220Kb / 24P
   DVSR CODEC
logo
List of Unclassifed Man...
MX802J ETC1-MX802J Datasheet
216Kb / 24P
   DVSR CODEC
logo
CML Microcircuits
MX802J CMLMICRO-MX802J Datasheet
220Kb / 24P
   DVSR CODEC
logo
List of Unclassifed Man...
MX802LH ETC1-MX802LH Datasheet
216Kb / 24P
   DVSR CODEC
More results

Similar Description - MX826DW

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9191A MAS-MAS9191A Datasheet
438Kb / 36P
   Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
   AMPS / TACS SYSTEM AUDIO PROCESSOR
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
   NMT SYSTEM AUDIO PROCESSOR
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com