Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLL14KESD6.0C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MLL14KESD6.0C
Description  SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL14KESD6.0C Datasheet(HTML) 1 Page - Microsemi Corporation

  MLL14KESD6.0C Datasheet HTML 1Page - Microsemi Corporation MLL14KESD6.0C Datasheet HTML 2Page - Microsemi Corporation MLL14KESD6.0C Datasheet HTML 3Page - Microsemi Corporation MLL14KESD6.0C Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TVS
SCOTTSD A L E DIVISION
MLL14KESD5.0 thru MLL14KESD170A
DESCRIPTION
APPEARANCE
These surface mount Transient Voltage Suppressor (TVS) devices feature
the ability to clamp dangerous high voltage short-term transients such as
produced by direct or radiated electro-static discharge phenomena before
entering sensitive component regions of a circuit design. They are small
economical TVSs targeted primarily for short term transients below a few
microseconds while still achieving significant peak-pulse-power capability
as seen in Figure 1.
DO-213AB
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Excellent protection in clamping direct ESD level
transients in excess of 40,000 V per MIL-STD-750,
Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients of 14,000 Watts per
MIL-STD-750, Method 1020 (approximately 150 ns
exponential wave, or one microsecond transients
up to 4000 watts. See Figure #1 and #2 for overall
transient Peak Pulse Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5V to 170V
• Hermetic DO-213AB package. Also available in
axial-leaded DO-41package (see separate data
sheet for 14KESD5.0 series)
• Protects Sensitive circuits from short duration fast
rise time transients such as Electrostatic Discharge
(ESD) or Electrical Fast Transients (EFT)
• Minimal capacitance (See Figure #3)
• Small surface-mount footprint for high density
mounting
• Bidirectional features available by adding a “C” or
“CA” suffix to part number
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• 4000 Watts for One Microsecond Square Wave or
14,000 watts per ESD Wave form of MIL-STD-750,
method 1020.
• See Surge Rating curve in Figures #1 and 2.
• Operating and storage temperature –65oC to 175oC
• Thermal Resistance: 40 ºC/W junction to end cap, or
120
ºC/W junction to ambient when mounted on FR4
PC board (1 oz Cu) with recommended footprint (see
last page)
• Steady-State Power: 1.50 watts at TEC < 115oC, or
1.25 watts at TA = 25
ºC when mounted on FR4 PC
board and recommended footprint as described for
thermal resistance (also see Figure 1)
• Derate at 22.8 W/oC above 25oC for PPP (1µs) and at
15 mW/
oC above 75oC for dc power.
• Forward Surge Current 500 amps for 1µs at TL =
25
oC (rise time > 100 ns).
• CASE: Hermetically sealed DO-213AB glass MELF
package
• TERMINALS: End caps, tin-lead plated solderable
per MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band.
• MARKING: Cathode band only
• TAPE & REEL optional: Standard per EIA-481-B
with 12 mm tape, 1500 per 7 inch reel or 5000 per
13 inch reel (add “TR” suffix to part number)
• WEIGHT: 0.05 grams
• See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
10-03-2003 REV A


Similar Part No. - MLL14KESD6.0C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL14KESD60 MICROSEMI-MLL14KESD60 Datasheet
119Kb / 2P
   SURFACE MOUNT
MLL14KESD60 MICROSEMI-MLL14KESD60 Datasheet
118Kb / 2P
   SURFACE MOUNT
MLL14KESD60A MICROSEMI-MLL14KESD60A Datasheet
119Kb / 2P
   SURFACE MOUNT
MLL14KESD60A MICROSEMI-MLL14KESD60A Datasheet
118Kb / 2P
   SURFACE MOUNT
MLL14KESD64 MICROSEMI-MLL14KESD64 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results

Similar Description - MLL14KESD6.0C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Shenzhen Luguang Electr...
SMCJ5.0 LUGUANG-SMCJ5.0 Datasheet
334Kb / 4P
   Surface Mount TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com