Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6549PG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB6549PG
Description  Full-Bridge Driver IC for DC Motors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6549PG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB6549PG Datasheet HTML 7Page - Toshiba Semiconductor TB6549PG Datasheet HTML 8Page - Toshiba Semiconductor TB6549PG Datasheet HTML 9Page - Toshiba Semiconductor TB6549PG Datasheet HTML 10Page - Toshiba Semiconductor TB6549PG Datasheet HTML 11Page - Toshiba Semiconductor TB6549PG Datasheet HTML 12Page - Toshiba Semiconductor TB6549PG Datasheet HTML 13Page - Toshiba Semiconductor TB6549PG Datasheet HTML 14Page - Toshiba Semiconductor TB6549PG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TB6549F/P
2002-08-30
11
3. VPWMH, VPWML, IPWMH, IPWML, fPWM, tw (PWM)
• VPWMH, VPWML, fPWM: PWM = 2 V/0.8 V, 100 kHz, dury: 50 % (rectangle wave), Verify out1
• VPWMH, VPWML: PWM = 5 V or PWM = 0 V.
• tw(PWM): PWM = 2 V/0.8 V, 100 kHz、dury: 20 % (2 µs) (2 µs/rectangle wave), Verify out1
4. Ron (H
+ L), Vreg
• Ron (H + L): Measure Vds (Sum of upper and lower side) at IO = 0.2 A, and change it to resistor. Same as
at IO
= 1.5 A.
• Vreg: Vreg pin Voltage.
24V
VCC
Vreg
CcpC
CcpB
CcpA
PWM
5V/0V
IN1
100kHz
5V
IN2
0V
SB
5V
P-GND
S-GND
TB6549F/P
V
OUT1
OUT2
V
A
IPWM
2V/0.8V
V
24V
VCC
Vreg
CcpC
CcpB
CcpA
PWM
IN1
IN2
0V/5V
SB
5V
P-GND
S-GND
OUT1
OUT2
TB6549F/P
V
V
5V
5V/0V
IO
IO


Similar Part No. - TB6549PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549PG TOSHIBA-TB6549PG Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
More results

Similar Description - TB6549PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com