Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7128 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC7128
Description  Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7128 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC7128 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7128
Hex Port Bypass Circuit / Dual Repeater
for 1.0625 Gb/s FC-AL Disk Arrays
Page 6
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/31/98
G52177-0, Rev. 2.3
Package Pin Descriptions
Figure 3: Pin Diagram
VDDA
TEST1
TEST2
TEST3
FAILSEL
SEL8
LSI3+
VSS
LSO5+
LSI4-
LSI3-
SEL3
LSO3+
FAIL1-
VDD
VSS
LSO4-
SEL7
VDD
VDD2
VSS
IN1+
FAIL2-
IN1-
LSO3-
LSI4+
LSO4+
VDD3
LSO5-
SEL4
REFSEL
REFCLK
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
63
61
59
57
55
53
51
49
33
35
37
39
41
43
45
47
(Top View)
NOTE: Heatsink is not internally connected electrically.
It should not be connected electrically by the user.


Similar Part No. - VSC7128

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7128

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7148 VITESSE-VSC7148 Datasheet
456Kb / 2P
   16-Port JBOD Loop Chip for 1.0625 Gb/s FC-AL Storage Applications
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
   4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
PMC-Sierra, Inc
PM8379 PMC-PM8379 Datasheet
78Kb / 2P
   20-Port 4.25 Gbit/s FC-AL Cut-Through Switch
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
logo
Fuji Electric
EDS9-8I FUJI-EDS9-8I Datasheet
125Kb / 2P
   FC SERIES REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com