Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7128QS Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7128QS
Description  Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7128QS Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7128QS Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7128QS Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7128
Hex Port Bypass Circuit / Dual Repeater
for 1.0625 Gb/s FC-AL Disk Arrays
Page 10
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/31/98
G52177-0, Rev. 2.3
Ordering Information
The order number for this product is formed by a combination of the device number and package type.
Marking Information
The package is marked with three lines of text as shown below (QS Package):
Notice
This document contains information about a new product during its fabrication or early sampling phase of
development. The information in this document is based on design targets, simulation results or early prototype
test results. Characteristic data and other specifications are subject to change without notice. Therefore the
reader is cautioned to confirm that this datasheet is current prior to design or order placement.
Warning
Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without the written consent is prohibited.
VSC7128
QS
Device Type
VSC7128 - Hex PBC/Dual Repeater
Package Type
QS: 64 Pin Thermally Enhanced PQFP, 14x14mm Body
VITESSE
VSC7128QS
####AAAA
Package Suffix
Lot Tracking Code
Date Code
Part Number
Pin Identifier
Exposed Heat Spreader


Similar Part No. - VSC7128QS

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7128QS

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7148 VITESSE-VSC7148 Datasheet
456Kb / 2P
   16-Port JBOD Loop Chip for 1.0625 Gb/s FC-AL Storage Applications
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
   4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
PMC-Sierra, Inc
PM8379 PMC-PM8379 Datasheet
78Kb / 2P
   20-Port 4.25 Gbit/s FC-AL Cut-Through Switch
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
logo
Fuji Electric
EDS9-8I FUJI-EDS9-8I Datasheet
125Kb / 2P
   FC SERIES REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com