Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7924 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7924
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7924 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7924 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7924 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52156-0, Rev 3.0
Page 7
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Preliminary Data Sheet
VSC7924
SONET/SDH 2.5Gb/s Laser Diode Driver
Figure 6: Pad Assignments for VSC7924 Die
1) Die size = 1620µm x 1620µm
2) Actual die size = 1720µm x 1720µm (after the die are cut up)
3) Pad size = 120µm x 120µm
4) Pad pitch = 150µm
5) Space between pads = 30µm
PAD 25
PAD 24
PAD 23
PAD 22
PAD 21
PAD 20
PAD 19
PAD 18
VIB
GND0
OUT
OUT
GND0
NOUT
VSS
VSS
PAD 1
PAD 34 PAD 33
PAD 32
PAD 31 PAD 30
PAD 29
PAD 28
PAD 27
PAD 26
VREF
VSS
VSS
VSS
VSS
VIP
MIP
MIP
MIB
PAD 2
PAD 3
PAD 4
PAD 5
PAD 6
PAD 7
PAD 8
DIN
VSS
DIN
GND
GND
GND
VSS
VSS
PAD 9
PAD 10
PAD 11
PAD 12 PAD 13 PAD 14 PAD 15
PAD 16
PAD 17
TERM
TERM
GND
GND
GND
GND
GND
NMARK MARK
120
120
150
30
1720
1620
1720
1620
50
50
Dimensions in micrometers.


Similar Part No. - VSC7924

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923CA VITESSE-VSC7923CA Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KF VITESSE-VSC7923KF Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KFL VITESSE-VSC7923KFL Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923X VITESSE-VSC7923X Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
More results

Similar Description - VSC7924

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
   SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
   2.5Gb/s SONET/SDH FEC Encoder and Decoder
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com