Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78F4216AYGC-8EU Datasheet(PDF) 1 Page - NEC

Part # UPD78F4216AYGC-8EU
Description  MOS INTEGRATED CIRCUIT
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F4216AYGC-8EU Datasheet(HTML) 1 Page - NEC

  UPD78F4216AYGC-8EU Datasheet HTML 1Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 2Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 3Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 4Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 5Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 6Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 7Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 8Page - NEC UPD78F4216AYGC-8EU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD78F4216A, 78F4218A, 78F4216AY, 78F4218AY
16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U14125EJ1V0DS00 (1st edition)
Date Published November 2000 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
µPD78F4216A/78F4218A and 78F4216AY/78F4218AY are products of µPD784216A/784218A,
784216AY/784218AY Subseries in the 78K/IV Series.
The
µPD78F4216A/78F4218A have flash memory in place of the internal ROM of the µPD784216A/784218A. The
incorporation of flash memory allows a program to be written or erased while mounted on the target board.
The
µPD78F4216AY/78F4218AY are based on the µPD78F4216A/78F4218A Subseries with the addition of a
multimaster-supporting I
2C bus interface.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µµµµPD784216A, 784216AY Subseries User’s Manual Hardware: U13570E
µµµµPD784218A, 784218AY Subseries User’s Manual Hardware: U12970E
78K/IV Series User’s Manual Instructions:
U10905E
FEATURES
• Pin compatible with the mask ROM products
• Flash memory: 128 KB (
µPD78F4216A/78F4216AY)
256 KB (
µPD78F4218A/78F4218AY)
• Internal RAM: 8,192 bytes (
µPD78F4216A/78F4216AY)
12,800 bytes (
µPD78F4218A/78F4218AY)
• Supply voltage: VDD = 1.9 to 5.5 V
APPLICATIONS
Cellular phones, PHS, cordless telephones, CD-ROM, AV equipment
Unless otherwise specified, references in this document to the
µµµµPD78F4218AY refer to the µµµµPD78F4216A,
78F4218A, 78F4216AY, and 78F4218AY.
2000
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD78F4216AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F4216A RENESAS-UPD78F4216A Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F4216AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com