Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX65002 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CX65002
Description  700 - 1400 MHz Linear Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX65002 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CX65002 Datasheet HTML 1Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 2Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 3Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 4Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 5Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 6Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 7Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 8Page - Skyworks Solutions Inc. CX65002 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET • CX65002
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101467E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 11, 2004
3
Table 3. CX65002 Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Units
Supply voltage (VCC1 and VCC2 pins)
VCC
5
V
Operating frequency
FO
700
1400
MHz
Junction temperature
TJ
140
°C
Maximum bias condition
(VCC
× ID) < (TJ_RECOMMENDED – TC)/RTH,J-C
Table 4. CX65002 Electrical Characteristics
(VCC = 5 V, TC = 25 °C)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
OIP3 Match, Frequency = 900 MHz (Note 1)
Quiescent current (lD + lBIAS)
Iq
RBIAS = 270
120
130
mA
Small signal gain
G
PIN = –15 dBm
16.5
18
dB
Linear output power (Note 2)
POUT
PIN = +7 dBm
22.5
24
dBm
Power Added Efficiency
PAE
PIN = +7 dBm
34
38
%
Noise Figure (NF)
NF
5
6
dB
Output IP3
OIP3
Two CW tones with 1 MHz
spacing, PIN = –12 dBm
per tone
40
44
dBm
Thermal resistance (junction – case)
RTH,J-C
65
°C/W
ACPR Match, Frequency = 881.5 MHz (Note 3)
Quiescent current (lD + lBIAS)
Iq
RBIAS = 270
115
135
mA
Small signal gain
G
PIN = –15 dBm
15.5
17
dB
Peak envelope power (Note 2)
PPEP
IS95 downlink CDMA
signal, 9 ch Fwd,
PIN = 3 dBm
29
dBm
Average output power
@ ACPR = –45 dBc, 885 kHz offset
POUTACPR
IS95 downlink CDMA
signal, 9 ch Fwd,
PIN = 4.5 dBm
19.5
21.5
dBm
Note 1: Device matched for optimum OIP3 according to circuit shown in Figure 15.
Note 2: For reliable operation, do not violate the maximum input drive level specified in Table 2.
Note 3: Device matched for optimum ACPR according to circuit shown in Figure 16.
10
13
16
19
22
25
-6
-4
-2
0
2
4
6
8
Pin (dBm)
-40C
25C
85C
Figure 3. Typical POUT vs PIN @ 900 MHz Over Temperature (Circuit
Match for Optimum OIP3)
0
10
20
30
40
50
-6
-4
-2
0
2
4
6
8
Pin (dBm)
-40C
25C
85C
Figure 4. Typical PAE vs PIN @ 900 MHz Over Temperature
(Circuit Match for Optimum OIP3)


Similar Part No. - CX65002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
CX65003-12 ETC-CX65003-12 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
More results

Similar Description - CX65002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
logo
Skyworks Solutions Inc.
CX65100 SKYWORKS-CX65100 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65104 ETC-CX65104 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
   700 to 2700 MHz Broadband Linear Amplifier Driver
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
logo
Advanced Semiconductor ...
ABU1519 ASB-ABU1519 Datasheet
756Kb / 12P
   5 ~ 1400 MHz Wide-band CATV Linear Amplifier MMIC
August 2017
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ABU1513 ASB-ABU1513 Datasheet
752Kb / 12P
   5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com