Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C5022A5A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7C5022A5A
Description  Crystal Oscillator Module ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C5022A5A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7C5022A5A Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C5022A5A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0193(06/05)
Ver: 1
1
Data Sheet
PT7C5022 Series
Crystal Oscillator Module ICs
Features
• Up to 30MHz operation
• Fundamental oscillation
• Capacitors 8pF C
G and 10pF CD built-in
(except A2A, A4A series)
• Inverter amplifier feedback resistor built-in
• TTL input level
• 8 mA (V
DD = 4.5 V) drive capability
• 4 mA (V
DD = 2.7 V) drive capability
• Output three-state function
• 2.7 to 5.5 V supply voltage (AxA series)
• 4.5 to 5.5 V supply voltage (BxA series)
• Clock output (f
O, fO/2, fO/4, fO/8 determined by
internal connection, fO is oscillator frequency)
• 6-Pin SOT23 package
Application
Used for crystal oscillate
Description
The PT7C5022 series are crystal oscillator module
ICs
that
incorporate
high-frequency,
low
current
consumption oscillator and output buffer circuits.
Feedback resistors and high-frequency capacitors are
built-in, eliminating the need for external components to
make a stable fundamental-harmonic oscillator.
Ordering Information
Part No.
Package
Operating
Range
PT7C5022AxATA
SOT23-6
Industrial
PT7C5022AxATAE
Lead free
SOT23-6
Industrial
PT7C5022BxATA
SOT23-6
Industrial
PT7C5022BxATAE
Lead free
SOT23-6
Industrial
Note: Below is the detailed definition of part no.
PT7C
5022
A1
A
XO 5022 Series
Package
Device Type
Serial Type
Clock series
Output frequency and build-in capacitance
T: SOT23-6
DE: die form
AxA
BxA
2.7~5.5
V
DD range
(V)
4.5~5.5
Series
AxA
BxA
1
f
output (V)
Series
f
O
Suffix
2
f
O
3
f
O/2
4
f
O/2
5
7
f
O/8
f
O/4
T
Build-in C (pF)
8, 10
-
8, 10
-
8, 10
TA
TA:


Similar Part No. - PT7C5022A5A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4050ADE PERICOM-PT7C4050ADE Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4050ALE PERICOM-PT7C4050ALE Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
More results

Similar Description - PT7C5022A5A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com