Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C5022B7A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7C5022B7A
Description  Crystal Oscillator Module ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C5022B7A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7C5022B7A Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C5022B7A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0193(06/05)
Ver: 1
4
Data Sheet
PT7C5022 Series
Crystal Oscillator Module ICs
Maximum Ratings
Storage Temperature (die form)......................................................- 65oC to +150oC
Storage Temperature (package form) .........................................- 55oC to +125oC
Ambient Temperature with Power Applied................................................- 40oC to +85oC
Supply Voltage to Ground Potential (VDD to GND ..................-0.5Vto 7.0V
DC Input (All Other Inputs except VDD & GND) ..-0.5V to VDD +0.5V
DC Output Current........................................................................ 13mA
Power Dissipation.........................................................................250mW (package form)
Recommended Operating Conditions
3 V operation: AxA series
f
≤30MHz, C
L≤15pF
Parameter
Sym
Conditions
Min
Typ
Max
Unit
Supply voltage
VDD
-
2.7
-
3.6
V
Input voltage
VIN
-
GND
-
VDD
V
Operating temperature
TOPR
-
-20
-
80
°C
5 V operation: AxA series, BxA series
f
≤30MHz, C
L≤15pF
Parameter
Sym
Conditions
Min
Typ
Max
Unit
Supply voltage
VDD
-
4.5
-
5.5
V
Input voltage
VIN
-
GND
-
VDD
V
Operating temperature
TOPR
-
-20
-
80
°C
Note:
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other condi-tions above those indicated in
the operational sec-tions of this specification is
not implied. Exposure to absolute maximum
rating conditions for extended periods may
affect reliability.


Similar Part No. - PT7C5022B7A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4050ADE PERICOM-PT7C4050ADE Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4050ALE PERICOM-PT7C4050ALE Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
More results

Similar Description - PT7C5022B7A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com