Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71024U-12 Datasheet(PDF) 6 Page - GSI Technology

Part # GS71024U-12
Description  64K x 24 1.5Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024U-12 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS71024U-12 Datasheet HTML 2Page - GSI Technology GS71024U-12 Datasheet HTML 3Page - GSI Technology GS71024U-12 Datasheet HTML 4Page - GSI Technology GS71024U-12 Datasheet HTML 5Page - GSI Technology GS71024U-12 Datasheet HTML 6Page - GSI Technology GS71024U-12 Datasheet HTML 7Page - GSI Technology GS71024U-12 Datasheet HTML 8Page - GSI Technology GS71024U-12 Datasheet HTML 9Page - GSI Technology GS71024U-12 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
6/13
© 1999, GSI Technology
AC Characteristics
* These parameters are sampled and are not 100% tested
Read Cycle 1: CE = OE = VIL, WE = VIH
Read Cycle
Parameter
Symbol
-8
-9
-10
-12
-15
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
8—9—
10
12
15
ns
Address access time
tAA
—8—9—
10
12
15
ns
Chip enable access time (CE1, CE2)
tAC
—8—9—
10
12
15
ns
MUX control to output valid (V/S)
tAV
—8—9—
10
12
15
ns
Output enable to output valid (OE)
tOE
—4—
4.5
—5—6—7
ns
Output hold from address change
tOH
3—3—3—3—3—
ns
Output hold from MUX controls change
tOH1
3—3—3—3—3—
ns
Chip enable to output in low Z (CE1, CE2)
tLZ*
3—3—3—3—3—
ns
Output enable to output in low Z (OE)
tOLZ*
0—0—0—0—0—
ns
Chip disable to output in High Z (CE1, CE2)
tHZ*
—4—
4.5
—5—6—7
ns
Output disable to output in High Z (OE)
tOHZ*
—4—
4.5
—5—6—7
ns
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid
tOH1
tAV
V/S


Similar Part No. - GS71024U-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71108AGJ-10 ETC2-GS71108AGJ-10 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-10I ETC2-GS71108AGJ-10I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12 ETC2-GS71108AGJ-12 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12I ETC2-GS71108AGJ-12I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-7 ETC2-GS71108AGJ-7 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results

Similar Description - GS71024U-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
logo
Taiwan Memory Technolog...
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
   64K x 64 SRAM???
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com