Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW1253LA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MHW1253LA
Description  CATV Amplifier Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW1253LA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MHW1253LA Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW1253LA Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW1253LA Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW1253LA Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MHW1253LA
7−1
RF Device Data
Freescale Semiconductor
CATV Amplifier Module
Features
• Specified for 6− and 10−Channel Loading
• Excellent Distortion Performance
• Low Power Consumption
• Capable of Handling Multiple Channels in the Return Path with Good
Distortion Performance
• Silicon Bipolar Transistor Technology
• Unconditionally Stable Under All Load Conditions
Applications
• CATV Systems Operating in the 5 to 200 MHz Frequency Range
• Specified for Use as a Return Path Amplifier for Low−, Mid− and High−Split
2−Way Cable TV Systems
Description
• 24 Vdc Supply, 5 to 200 MHz, CATV Reverse Amplifier Module
Table 1. Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
+28
Vdc
RF Input Voltage (Single Tone)
Vin
+60
dBmV
Operating Case Temperature Range
TC
− 20 to +100
°C
Storage Temperature Range
Tstg
− 40 to +100
°C
Table 2. Electrical Characteristics (VCC = 24 Vdc, TC = 30°C, 75 Ω system, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Bandwidth
All
BW
5
200
MHz
Power Gain
(f = 5 MHz)
Gp
25
25.5
26
dB
Slope
(5−200 MHz)
S
− 0.2
0.7
dB
Gain Flatness (Peak To Valley)
(5−200 MHz)
GF
0.4
dB
Return Loss — Input/Output
(@ f = 5−150 MHz)
(@ f = 150−200 MHz)
IRL/ORL
20
18
dB
Composite Second Order
(Vout = +50 dBmV per Ch., Worst Case)
6−Channel FLAT
10−Channel FLAT
CSO6
CSO10
− 73
− 71
− 68
− 66
dBc
MHW1253LA
Rev. 2, 10/2002
Freescale Semiconductor
Technical Data
MHW1253LA
5−200 MHz, 25.5 dB, 10−CHANNEL
CATV LOW CURRENT
AMPLIFIER MODULE
CASE 1302−01, STYLE 1
© Freescale Semiconductor, Inc., 2002, 2004. All rights reserved.


Similar Part No. - MHW1253LA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1254L MOTOROLA-MHW1254L Datasheet
265Kb / 2P
   CATV AMPLIFIER MODULE
MHW1254LA MOTOROLA-MHW1254LA Datasheet
274Kb / 4P
   The RF Line CATV AMPLIFIER MODULE
More results

Similar Description - MHW1253LA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com