Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP502SQ18T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP502SQ18T1G
Description  80 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502SQ18T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP502SQ18T1G Datasheet HTML 1Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 2Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 3Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 4Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 5Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 6Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 7Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 8Page - ON Semiconductor NCP502SQ18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP502, NCP502A
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive power supply input voltage.
2
GND
Power supply ground.
3
Enable
This input is used to place the device into low−power standby. When this input is pulled low, the device is
disabled. If this function is not used, Enable should be connected to Vin.
4
N/C
No internal connection.
5
Vout
Regulated output voltage.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
12
V
Enable Voltage
Enable
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Power Dissipation and Thermal Characteristics
Power Dissipation
Thermal Resistance, Junction to Ambient
PD
RqJA
Internally Limited
400
W
°C/W
Operating Junction Temperature
TJ
+125
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. Latchup capability (85°C) "100 mA DC with trigger voltage.


Similar Part No. - NCP502SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502SQ18T1G ONSEMI-NCP502SQ18T1G Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP502SQ18T1G ONSEMI-NCP502SQ18T1G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP502SQ18T1G ONSEMI-NCP502SQ18T1G Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
More results

Similar Description - NCP502SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com