Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8816APR1 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT8816APR1
Description  ISO-CMOS 8 x 16 Analog Switch Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8816APR1 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT8816APR1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8816APR1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MT8816
Data Sheet
3
Zarlink Semiconductor Inc.
24, 25
26,27
AY0,AY1 Y0 and Y1 Address Lines (Inputs).
26, 27
30,31
X13, X12 X13 and X12 Analog (Inputs/Outputs): these are connected to the X13 and X12
rows of the switch array.
28 - 33
32-37
X5-X0
X5-X0 Analog (Inputs/Outputs): these are connected to the X5-X0 rows of the
switch array.
34
28,29,
38
NC
No Connection.
35
39
Y0
Y0 Analog (Input/Output): this is connected to the Y0 column of the switch array.
36
40
CS
Chip Select (Input): this is used to select the device. Active High.
37
41
Y1
Y1 Analog (Input/Output): this is connected to the Y1 column of the switch array.
38
42
DATA
DATA (Input): a logic high input will turn on the selected switch and a logic low will
turn off the selected switch. Active High.
39
43
Y2
Y2 Analog (Input/Output): this is connected to the Y2 column of the switch array.
40
44
VDD
Positive Power Supply.
Pin Description (continued)
Pin #
Name
Description
PDIP
PLCC


Similar Part No. - MT8816APR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8816AP MITEL-MT8816AP Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
More results

Similar Description - MT8816APR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 4 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com