Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT1018 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT1018
Description  8-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT1018 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT1018 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPT
3
5/14/97
SPT1018
ELECTRICAL SPECIFICATIONS
VCC =ground, VEE = -5.2 V ±0.3 V, TA =TMIN to TMAX, CC = 0 pF, ISet = 1.105 mA, unless otherwise specified.
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Input Capacitance,
V
3.0
pF
Data and Controls
Power Supply Sensitivity
VI
-120
20
+120
µA/V
Supply Current
VI
155
220
mA
DYNAMIC CHARACTERISTICS (RL = 37.5 ohms, CL = 5 pF, TA = 25 °C, ISet = 1.105 mA)
Maximum Conversion Rate
B Grade
IV
165
MWPS
A Grade
IV
275
MWPS
Rise Time
10% to 90% G.S.
IV
1.6
ns
TA = TMIN to TMAX
IV
2.0
ns
Rise Time
10% to 90% G.S.
V
1.0
ns
RL = 25 ohms
Current Settling Time, Clocked Mode
To 0.2% G.S.
V
7.0
ns
Current Settling Time, Clocked Mode
To 0.8% G.S.
V
5.5
ns
Current Settling Time, Clocked Mode
To 0.2% G.S.
V
4.5
ns
tSI
RL = 25 Ω
Clock to Output Delay, Clocked Mode
IV
2.2
4.0
ns
tDSC
TA = TMIN to TMAX
IV
4.5
ns
Data to Output Delay,
IV
3.2
6.0
ns
Transparent Mode tDST
TA = TMIN to TMAX
IV
6.0
ns
Convert Pulse Width, ( Low or High)
B Grade
IV
3.0
ns
tPWL, tPWH
A Grade
IV
1.8
ns
Glitch Energy
Area = 1/2 VT
V
4
pV-s
Reference Bandwidth, -3 dB
V
1.0
MHz
Set-up Time, Data and Controls
IV
1.0
ns
tS
TA = TMIN to TMAX
IV
1.0
ns
Hold Time, Data and Controls
IV
0.5
ns
tH
TA = TMIN to TMAX
IV
0.5
ns
Slew Rate
20% to 80% G.S.
IV
390
V/
µS
TA = TMIN to TMAX
IV
325
V/
µS
Clock Feedthrough
IV
-48
dB
TA = TMIN to TMAX
IV
-48
dB
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions: All parameters having min/
max specifications are guaranteed. The Test
Level column indicates the specific device test-
ing actually performed during production and
Quality Assurance inspection. Any blank sec-
tion in the data column indicates that the speci-
fication is not tested at the specified condition.
TEST LEVEL
I
II
III
IV
V
VI
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.


Similar Part No. - SPT1018

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
SPT1018AIN CADEKA-SPT1018AIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
SPT1018BIN CADEKA-SPT1018BIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. G
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com