Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT1018BIN Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SPT1018BIN
Description  8-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT1018BIN Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SPT1018BIN Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 10Page - List of Unclassifed Manufacturers SPT1018BIN Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SPT
11
5/14/97
SPT1018
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
TEMPERATURE RANGE
PACKAGE
SPT1018AIN
8-BIT, 275 MWPS DAC
-25 to +85
°C
24L PDIP
SPT1018BIN
8-BIT, 165 MWPS DAC
-25 to +85
°C
24L PDIP
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
D3
Data Bit 3
D2
Data Bit 2
D1
Data Bit 1
D0
Data Bit 0 (LSB)
VEE
Negative Supply
CONV
Convert Clock Input
CONV
Convert Clock Input Complement
FT
Register Feedthrough Control
VCC
Positive Supply
FH
Data Force High Control
Blank
Video Blank Input
BRT
Video Bright Input
Sync
Video Sync Input
Ref-
Reference Current - Input
Ref+
Reference Current + Input
COMP
Compensation Input
Out-
Output Current Negative
Out+
Output Current Positive
D7
Data Bit 7 (MSB)
D6
Data Bit 6
D5
Data Bit 5
D4
Data Bit 4
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
D4
D5
D6
D7
V
Out +
Out -
VCC
Ref-
Sync
EE
D3
D2
D1
D0
VEE
CONV
FT
VCC
FH
Blank
BRT
CONV
Comp
Ref+
PDIP
Signal Processing Technologies, Inc. reserves the right to change products and specifications without notice. Permission is hereby expressly
granted to copy this literature for informational purposes only. Copying this material for any other use is strictly prohibited.
WARNING - LIFE SUPPORT APPLICATIONS POLICY - SPT products should not be used within Life Support Systems without the specific
written consent of SPT. A Life Support System is a product or system intended to support or sustain life which, if it fails, can be reasonably
expected to result in significant personal injury or death.
Signal Processing Technologies believes that ultrasonic cleaning of its products may damage the wire bonding, leading to device
failure. It is therefore not recommended, and exposure of a device to such a process will void the product warranty.


Similar Part No. - SPT1018BIN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT1018BIN CADEKA-SPT1018BIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018BIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. G
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com