Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F102H Datasheet(PDF) 11 Page - Xicor Inc.

Part # X76F102H
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102H Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X76F102H Datasheet HTML 7Page - Xicor Inc. X76F102H Datasheet HTML 8Page - Xicor Inc. X76F102H Datasheet HTML 9Page - Xicor Inc. X76F102H Datasheet HTML 10Page - Xicor Inc. X76F102H Datasheet HTML 11Page - Xicor Inc. X76F102H Datasheet HTML 12Page - Xicor Inc. X76F102H Datasheet HTML 13Page - Xicor Inc. X76F102H Datasheet HTML 14Page - Xicor Inc. X76F102H Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X76F102
11
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
100
80
60
40
20
Bus capacitance in pF
RMIN
RMAX
20
40
60
80
100
R
MIN
V
CCMAX
I
OLMIN
-------------------------1.8K
==
R
MAX
t
R
C
BUS
-----------------
=
tR = maximum allowable SDA rise time


Similar Part No. - X76F102H

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102H ICMIC-X76F102H Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102H-2.0 ICMIC-X76F102H-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102HG ICMIC-X76F102HG Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102HG-2.0 ICMIC-X76F102HG-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102HI ICMIC-X76F102HI Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102H

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com