Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC4QI100 Datasheet(PDF) 1 Page - Altera Corporation

Part # EPC4QI100
Description  2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4QI100 Datasheet(HTML) 1 Page - Altera Corporation

  EPC4QI100 Datasheet HTML 1Page - Altera Corporation EPC4QI100 Datasheet HTML 2Page - Altera Corporation EPC4QI100 Datasheet HTML 3Page - Altera Corporation EPC4QI100 Datasheet HTML 4Page - Altera Corporation EPC4QI100 Datasheet HTML 5Page - Altera Corporation EPC4QI100 Datasheet HTML 6Page - Altera Corporation EPC4QI100 Datasheet HTML 7Page - Altera Corporation EPC4QI100 Datasheet HTML 8Page - Altera Corporation EPC4QI100 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Altera Corporation
2–1
August 2005
2. Enhanced Configuration
Devices (EPC4, EPC8 &
EPC16) Data Sheet
Features
Enhanced configuration devices include EPC4, EPC8, and EPC16
devices
Single-chip configuration solution for Stratix® series, Cyclone™
series, APEX™ II, APEX 20K (including APEX 20K, APEX 20KC, and
APEX 20KE), Mercury™, ACEX® 1K, and FLEX® 10K (FLEX 10KE
and FLEX 10KA) devices
Contains 4-, 8-, and 16-Mbit flash memories for configuration data
storage
On-chip decompression feature almost doubles the effective
configuration density
Standard flash die and a controller die combined into single stacked
chip package
External flash interface supports parallel programming of flash and
external processor access to unused portions of memory
Flash memory block/sector protection capability via external
flash interface
Supported in EPC16 and EPC4 devices
Page mode support for remote and local reconfiguration with up to
eight configurations for the entire system
Compatible with Stratix series Remote System Configuration
feature
Supports byte-wide configuration mode fast passive parallel (FPP);
8-bit data output per DCLK cycle
Supports true n-bit concurrent configuration (n = 1, 2, 4, and 8) of
Altera FPGAs
Pin-selectable 2-ms or 100-ms power-on reset (POR) time
Configuration clock supports programmable input source and
frequency synthesis
Multiple configuration clock sources supported (internal
oscillator and external clock input pin)
External clock source with frequencies up to 133 MHz
Internal oscillator defaults to 10 MHz; Programmable for higher
frequencies of 33, 50, and 66 MHz
Clock synthesis supported via user programmable divide
counter
Available in the 100-pin plastic quad flat pack (PQFP) and the 88-pin
Ultra FineLine BGA® packages
Vertical migration between all devices supported in the 100-pin
PQFP package
Supply voltage of 3.3 V (core and I/O)
CF52002-2.1


Similar Part No. - EPC4QI100

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC4QI100N ALTERA-EPC4QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EPC4QI100

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC4 ALTERA-EPC4 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com