Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F102V8I Datasheet(PDF) 7 Page - Xicor Inc.

Part # X76F102V8I
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102V8I Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X76F102V8I Datasheet HTML 3Page - Xicor Inc. X76F102V8I Datasheet HTML 4Page - Xicor Inc. X76F102V8I Datasheet HTML 5Page - Xicor Inc. X76F102V8I Datasheet HTML 6Page - Xicor Inc. X76F102V8I Datasheet HTML 7Page - Xicor Inc. X76F102V8I Datasheet HTML 8Page - Xicor Inc. X76F102V8I Datasheet HTML 9Page - Xicor Inc. X76F102V8I Datasheet HTML 10Page - Xicor Inc. X76F102V8I Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
X76F102
7
PASSWORDS
Passwords are changed by sending the "change read
password" or "change write password" commands in a
normal sector write operation. A full eight bytes contain-
ing the new password must be sent, following successful
transmission of the current write password and a valid
password ACK response. The user can use a repeated
ACK Polling command to check that a new password has
been written correctly. An ACK indicates that the new
password is valid.
There is no way to read any of the passwords.
RESPONSE TO RESET (DEFAULT = 19 02 AA 55)
The ISO Response to reset is controlled by the RST and
CLK pins. When RST is pulsed high during a clock pulse,
the device will output 32 bits of data, one bit per clock,
and it resets to the standy state. This conforms to the ISO
standard for “synchronous response to reset”. The part
must not be in a write cycle for the response to reset to
occur.
After initiating a nonvolatile write cycle the RST pin must
not be pulsed until the nonvolatile write cycle is complete.
If not, the ISO response will not be activated. If the RST
is pulsed HIGH and the CLK is within the RST pulse
(meet the tNOL spec.) in the middle of an ISO transaction,
it will output the 32 bit sequence again (starting at bit 0).
Otherwise, this aborts the ISO operation and the part
returns to standby state. If the RST is pulsed HIGH and
the CLK is outside the RST pulse (in the middle of an
ISO transaction), this aborts the ISO operation and the
part returns to standby state.
If there is power interrupted during the Response to
Reset, the response to reset will be aborted and the part
will return to the standby state. A Response to Reset is
not available during a nonvolatile write cycle.
Figure 7. Response to RESET (RST)
SCK
SO
RST
Byte
0
MSB
LSB
LSB
MSB
1
LSB
MSB
LSB
MSB
2
3
1 0 0
0 0
1 1
1
0
0
0
1 0 0 0 0
0
0
0
0
1
1 0
1
1
1
0
0
0
1
1
0
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ..................... –65°C to +135°C
Storage Temperature ..........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS .......................................–1V to +7V
D.C. Output Current..................................................5mA
Lead Temperature
(Soldering, 10 seconds).................................. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.


Similar Part No. - X76F102V8I

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102V8I ICMIC-X76F102V8I Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102V8I-2.0 ICMIC-X76F102V8I-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102V8IG ICMIC-X76F102V8IG Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102V8IG-2.0 ICMIC-X76F102V8IG-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102V8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com