Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F102XI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X76F102XI
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102XI Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X76F102XI Datasheet HTML 6Page - Xicor Inc. X76F102XI Datasheet HTML 7Page - Xicor Inc. X76F102XI Datasheet HTML 8Page - Xicor Inc. X76F102XI Datasheet HTML 9Page - Xicor Inc. X76F102XI Datasheet HTML 10Page - Xicor Inc. X76F102XI Datasheet HTML 11Page - Xicor Inc. X76F102XI Datasheet HTML 12Page - Xicor Inc. X76F102XI Datasheet HTML 13Page - Xicor Inc. X76F102XI Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X76F102
10
Bus Timing
Write Cycle Timing
RST Timing Diagram – Response to a Synchronous Reset
tSU:STA
t HD:STA
tHD:DAT
t SU:DAT
tLOW
t SU:STO
t R
t BUF
SCL
SDA IN
SDA OUT
t DH
tAA
tF
tHIGH
SCL
SDA
tWC
8th bit of last byte
ACK
Stop
Condition
Start
Condition
tRST
tNOL
tHIGH_RST
tLOW_RST
tCDV
tRDV
tSU:RST
DATA BIT (1)
DATA BIT (2)
1st
clk
pulse
2nd
clk
pulse
3rd
clk
pulse
I/O
CLK
RST
tNOL


Similar Part No. - X76F102XI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102XI ICMIC-X76F102XI Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102XI-2.0 ICMIC-X76F102XI-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102XIG ICMIC-X76F102XIG Datasheet
152Kb / 18P
   Secure SerialFlash
X76F102XIG-2.0 ICMIC-X76F102XIG-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102XI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com