Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27T1602F Datasheet(PDF) 10 Page - OKI electronic componets

Part # MR27T1602F
Description  1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27T1602F Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27T1602F Datasheet HTML 2Page - OKI electronic componets MR27T1602F Datasheet HTML 3Page - OKI electronic componets MR27T1602F Datasheet HTML 4Page - OKI electronic componets MR27T1602F Datasheet HTML 5Page - OKI electronic componets MR27T1602F Datasheet HTML 6Page - OKI electronic componets MR27T1602F Datasheet HTML 7Page - OKI electronic componets MR27T1602F Datasheet HTML 8Page - OKI electronic componets MR27T1602F Datasheet HTML 9Page - OKI electronic componets MR27T1602F Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FEDR27T1602F-02-02
OKI Semiconductor
MR27T1602F/P2ROM
10/10
NOTICE
1.
The information contained herein can change without notice owing to product and/or technical improvements.
Before using the product, please make sure that the information being referred to is up-to-date.
2.
The outline of action and examples for application circuits described herein have been chosen as an
explanation for the standard action and performance of the product. When planning to use the product, please
ensure that the external conditions are reflected in the actual circuit, assembly, and program designs.
3.
When designing your product, please use our product below the specified maximum ratings and within the
specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating
temperature.
4.
Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation
resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or
unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified
maximum ratings or operation outside the specified operating range.
5.
Neither indemnity against nor license of a third party’s industrial and intellectual property right, etc. is
granted by us in connection with the use of the product and/or the information and drawings contained herein.
No responsibility is assumed by us for any infringement of a third party’s right which may result from the use
thereof.
6.
The products listed in this document are intended for use in general electronics equipment for commercial
applications (e.g., office automation, communication equipment, measurement equipment, consumer
electronics, etc.). These products are not authorized for use in any system or application that requires special
or enhanced quality and reliability characteristics nor in any system or application where the failure of such
system or application may result in the loss or damage of property, or death or injury to humans.
Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace
equipment, nuclear power control, medical equipment, and life-support systems.
7.
Certain products in this document may need government approval before they can be exported to particular
countries. The purchaser assumes the responsibility of determining the legality of export of these products
and will take appropriate and necessary steps at their own expense for these.
8.
No part of the contents contained herein may be reprinted or reproduced without our prior permission.
Copyright 2002 Oki Electric Industry Co., Ltd.


Similar Part No. - MR27T1602F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T1602L OKI-MR27T1602L Datasheet
92Kb / 9P
   1M-Word x 16-Bit or 2M-Word x 8-Bit
logo
List of Unclassifed Man...
MR27T1602L ETC2-MR27T1602L Datasheet
310Kb / 11P
   1M.Word 횞 16.Bit or 2M.Word 횞 8.Bit P2ROM
logo
LAPIS Semiconductor Co....
MR27T1602L LAPIS-MR27T1602L Datasheet
310Kb / 11P
   P2ROM
logo
OKI electronic componet...
MR27T1602L-XXXTN OKI-MR27T1602L-XXXTN Datasheet
92Kb / 9P
   1M-Word x 16-Bit or 2M-Word x 8-Bit
More results

Similar Description - MR27T1602F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V1652F OKI-MR27V1652F Datasheet
111Kb / 11P
   1m-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V1652L OKI-MR27V1652L Datasheet
222Kb / 8P
   1M-Word x 16-Bit or 2M-Word x 8-Bit P2ROM
MR27V3202J OKI-MR27V3202J Datasheet
113Kb / 9P
   2M-Word x 16-Bit or 4M-Word x 8-Bit P2ROM
MR26V01G53L OKI-MR26V01G53L Datasheet
248Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-bit P2ROM
MR27T1602L OKI-MR27T1602L Datasheet
92Kb / 9P
   1M-Word x 16-Bit or 2M-Word x 8-Bit
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J OKI-MR27T12800J Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27T25603L ETC2-MR27T25603L Datasheet
168Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
OKI electronic componet...
MR27V12850J OKI-MR27V12850J Datasheet
91Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com