Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F102V8-2 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X76F102V8-2
Description  The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F102V8-2 Datasheet(HTML) 4 Page - Xicor Inc.

  X76F102V8-2 Datasheet HTML 1Page - Xicor Inc. X76F102V8-2 Datasheet HTML 2Page - Xicor Inc. X76F102V8-2 Datasheet HTML 3Page - Xicor Inc. X76F102V8-2 Datasheet HTML 4Page - Xicor Inc. X76F102V8-2 Datasheet HTML 5Page - Xicor Inc. X76F102V8-2 Datasheet HTML 6Page - Xicor Inc. X76F102V8-2 Datasheet HTML 7Page - Xicor Inc. X76F102V8-2 Datasheet HTML 8Page - Xicor Inc. X76F102V8-2 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
X76F102
4
Figure 2. Data Validity
Figure 3. Definition of Start and Stop Conditions
Table 1. X76F102 Instruction Set
Illegal command codes will be disregarded. The part will respond with a “no-ACK” to the illegal byte and then return to
the standby mode. All write/read operations require a password.
Command
after Start
Command Description
Password
used
1 0 0 S3 S2 S1 S00
Sector Write
Write
1 0 0 S3 S2 S1 S0 1
Sector Read
Read
1 1 1 1 1 1 0 0
Change Write Password
Write
1 1 1 1 1 1 1 0
Change Read Password
Write
0 1 0 1 0 1 0 1
Password ACK Command
None
SCL
SDA
Data Stable
Data
Change
SCL
SDA
Start Condition
Stop Condition
PROGRAM OPERATIONS
Sector Write
The sector write mode requires issuing the 8-bit write
command followed by the password and then the data
bytes transferred as illustrated in figure 4. The write com-
mand byte contains the address of the sector to be writ-
ten. Data is written starting at the first address of a sector
and eight bytes must be transferred. After the last byte to
be transferred is acknowledged a stop condition is issued
which starts the nonvolatile write cycle. If more or less
than 8 bytes are transferred, the data in the sector
remains unchanged.
ACK Polling
Once a stop condition is issued to indicate the end of the
host’s write sequence, the X76F102 initiates the internal
nonvolatile write cycle. In order to take advantage of the
typical 5ms write cycle, ACK polling can begin immedi-
ately. This involves issuing the start condition followed by


Similar Part No. - X76F102V8-2

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F102V8-2.0 ICMIC-X76F102V8-2.0 Datasheet
152Kb / 18P
   Secure SerialFlash
More results

Similar Description - X76F102V8-2

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com