Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC91650 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC91650
Description  13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91650 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC91650 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC91650 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Silan
Semiconductors
SC91650/1/2 A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.01.15
8
PIN DESCRIPTION
Pin No.
650A/B 651A/B 652A/B
Pin Name
Description
12
12
12
C1
23
23
23
C2
34
34
34
C3
45
45
45
C4
56
56
56
C5
15
18
15
18
15
18
R1
16
19
16
19
16
19
R2
17
20
17
20
17
20
R3
18
21
18
21
18
21
R4
*Provides keyboard scanning.
a. Dialling option:
*The resistor connection between selected Row (or Column) and Vss
may select most countries telecom specification.
R=820k
R1
R2
R3
R4
C4 C3 C2 C1
b. Keyboard scanning:
*While
HKS pin is HIGH, Both column pin and row pin are in floating
state. While
HKS pin is LOW, the column group stays in “HIGH”
state and row group stays in “LOW” state.
*The keypad is compatible with the standard dual contact matrix
keyboard (as figure1b), the inexpensive single contact keyboard (as
figure 1a), and electronic input (as figur e 1c).
*When HKS is “LOW”, a valid key entry is defined by related Row &
Column connection or by electronic input (as shown in figur e 1c).
*Activation of two or more keys will result in no response, except for
single key.
*To avoid keyboard-bouncing error, this chip provides built-in
debounce circuit. (Th e debounce time = 20ms)
VDD
Column
Row
Column
Row
Column
VSS
VDD
VSS
Row
Figure1a: Single contact form
keyboard configuration
Figure1b: Dual contact form
keyboard configuration
Figure1c: Electronic signal input keyboard configuration
(to be continued)


Similar Part No. - SC91650

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC9167 FUMAN-SC9167 Datasheet
349Kb / 6P
   300mA CMOS LDO
More results

Similar Description - SC91650

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com