Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC713V3NSZX Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC713V3NSZX
Description  High Isolation Voltage Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC713V3NSZX Datasheet(HTML) 3 Page - Sharp Corporation

  PC713V3NSZX Datasheet HTML 1Page - Sharp Corporation PC713V3NSZX Datasheet HTML 2Page - Sharp Corporation PC713V3NSZX Datasheet HTML 3Page - Sharp Corporation PC713V3NSZX Datasheet HTML 4Page - Sharp Corporation PC713V3NSZX Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC713VxNSZX Series/PC713VxYSZX Series
Duty ratio
5
5
10
20
100
50
200
500
25
2
5
2
5
1
10 000
5 000
2 000
1 000
10
−3
10
−2
10
−1
Pulse width
≤100µs
Ta
=25˚C
50˚C
25˚C
0˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
Forward voltage VF (V)
−25˚C
Ta=75˚C
Fig.3
Peak Forward Current vs. Duty Ratio
Fig.5
Current Transfer Ratio vs. Forward
Current
Fig.4
Forward Current vs. Forward Voltage
Fig.7
Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.8 Collector - emitter Saturation Voltage
vs. Ambient Temperature
Fig.6 Collector Current vs. Collector-emitter
Voltage
0
200
1
40
80
120
160
180
140
100
60
20
2
5
10
20
50
Forward current IF (mA)
RBE=∞
500k
100k
VCE=5V
Ta=25˚C
100
0
50
150
0
50
75
100
−25
25
Ambient temperature Ta (˚C)
IF=5mA
VCE=5V
RBE=∞
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
20
40
60
80
100
Ambient temperature Ta(˚C)
−30
IF=20mA
IC=1mA
RBE=∞
0
0
5
30
123456789
10
15
20
25
20mA
10mA
5mA
Collector-emitter voltage VCE (V)
IF=30mA
RBE=∞
Ta=25˚C
PC (MAX.)


Similar Part No. - PC713V3NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC713V3 SHARP-PC713V3 Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
More results

Similar Description - PC713V3NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC714V SHARP-PC714V Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com