Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC895 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC895
Description  High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC895 Datasheet(HTML) 5 Page - Sharp Corporation

  PC895 Datasheet HTML 1Page - Sharp Corporation PC895 Datasheet HTML 2Page - Sharp Corporation PC895 Datasheet HTML 3Page - Sharp Corporation PC895 Datasheet HTML 4Page - Sharp Corporation PC895 Datasheet HTML 5Page - Sharp Corporation PC895 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
0
2
4
6
8
10
12
1mA
5mA
10mA
30mA
50mA
9
7
5
3
1
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
PC865 Serise
Forward current I F ( mA )
IC = 0.1mA
Ta = 25˚C
Please refer to the chapter “ Precautions for Use ”
q


Similar Part No. - PC895

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC8910N LSTD-PC8910N Datasheet
415Kb / 1P
   All-welded unit construction
PC8910N LSTD-PC8910N Datasheet
415Kb / 1P
   No adjustments ever needed
logo
P-tec Corporation
PC893-O P-TEC-PC893-O Datasheet
253Kb / 2P
   PRODUCT SPECIFICATION
PC894-O P-TEC-PC894-O Datasheet
235Kb / 2P
   PRODUCT SPECIFICATION
More results

Similar Description - PC895

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC865 SHARP-PC865 Datasheet
97Kb / 5P
   High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
   High Sensitivity and High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com