Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP590B Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP590B
Description  GaAS As Ired & Photo−Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP590B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP590B Datasheet HTML 1Page - Toshiba Semiconductor TLP590B Datasheet HTML 2Page - Toshiba Semiconductor TLP590B Datasheet HTML 3Page - Toshiba Semiconductor TLP590B Datasheet HTML 4Page - Toshiba Semiconductor TLP590B Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP590B
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−Diode Array
TLP590B
Telecommunication
Programmable Controllers
Mos Gate Driver
MOS FET Gate Driver
The TOSHIBA TLP590B consists of an aluminum galium arsenide
infrared emitting diode optically coupled to a series connected photo
diode array in a six lead plastic DIP package.
TLP590B is suitable for MOS FET gate driver.
· UL recognized: UL1577, file No. E67349
Short Current
Short Current
Type
Name
Classification
(min.)
IF
Marking Of
Classification
C20
20µA
20
TLP590B
Standard
12µA
10mA
20, blank
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP590B(C20): TLP590B
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta ≥ 25°C)
∆IF / °C
-0.5
mA / °C
Pulse forward current
(100µs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
3
V
Junction temperature
Tj
125
°C
Foward current
IFD
50
µA
Reverse voltage
VRD
10
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-40~85
°C
Lead soldering temperature
(10sec.)
Tsol
260
°C
Isolation voltage
(AC, 1 min., R.H. ≤ 60%)
(Note 1)
BVS
2500
Vrms
(Note 1)
Device considered a two terminal device: Pins 1, 2 and 3
shorted together, and pins 4 and 6 shorted together.
Pin Configuration(top view)
1. : Anode
2. : Cathode
3. : NC
4. : Cathode
6. : Anode
1
2
4
6
3
Unit in mm
TOSHIBA
11−7A9
Weight: 0.39g


Similar Part No. - TLP590B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP590B TOSHIBA-TLP590B Datasheet
174Kb / 5P
   Telecommunication Programmable Controllers Mos Gate Driver MOS FET Gate Driver
TLP590B TOSHIBA-TLP590B_07 Datasheet
174Kb / 5P
   Telecommunication Programmable Controllers Mos Gate Driver MOS FET Gate Driver
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
More results

Similar Description - TLP590B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
   GaAs Ired & Photo−Thyristor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com