Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1353F-117AI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1353F-117AI
Description  4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353F-117AI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1353F-117AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1353F-117AI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY7C1353F
Document #: 38-05212 Rev. *B
Page 10 of 13
Switching Waveforms
Read/Write Waveforms[18, 19, 20]
WRITE
D(A1)
123
456789
CLK
tCYC
tCL
tCH
10
CE
tCEH
tCES
WE
CEN
tCENH
tCENS
BW[A:B]
ADV/LD
tAH
tAS
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tDH
tDS
DQ
COMMAND
tCLZ
D(A1)
D(A2)
Q(A4)
Q(A3)
D(A2+1)
tDOH
tCHZ
tCDV
WRITE
D(A2)
BURST
WRITE
D(A2+1)
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4+1)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DESELECT
OE
tOEV
tOELZ
tOEHZ
DON’T CARE
UNDEFINED
D(A5)
tDOH
Q(A4+1)
D(A7)
Q(A6)


Similar Part No. - CY7C1353F-117AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-40AC CYPRESS-CY7C1353-40AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-50AC CYPRESS-CY7C1353-50AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-66AC CYPRESS-CY7C1353-66AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1353F-117AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1352B CYPRESS-CY7C1352B Datasheet
189Kb / 12P
   256K x 18 Pipilined SRAm with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com