Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3945 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UCC3945
Description  1V Synchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3945 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UCC3945 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 8Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 9Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 10Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
UCC2941-3/-5/-ADJ
UCC3941-3/-5/-ADJ
0.300
0.500
0.700
0.900
1.100
1.300
1.500
1.700
1.900
2.100
0
2
4
6
8
10
12
14
16
18
20
RP(
Ω)
1V
1.25V
1.5V
1.75V
2V
3V
Figure 13. UCC3941-ADJ ILIM vs. RP (J package only).
0.300
0.500
0.700
0.900
1.100
1.300
1.500
1.700
1.900
2.100
0
2
4
6
8
10
12
14
16
18
20
RP(
Ω)
1V
1.25V
1.5V
1.75V
2V
3V
Figure 14. UCC3941-ADJ ILIM vs. RP (all other
packages).
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
()
()
()
IL
RV
Rp
P
BAT
=
+•
+
11 5
61
02
.
.
.
()
()
()
IL
RV
Rp
P
BAT
=
+•
+
11 8
67
026
.
.
.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
50
100
150
IOUT (mA)
Figure 11. UCC3941-3 Dropout vs. IOUT.
APPLICATION INFORMATION (cont.)
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
0
50
100
150
IOUT (mA)
Figure 12. Minimum start voltage vs. IOUT.
Figure 15. VIN startup vs. temp.


Similar Part No. - UCC3945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-3 TI1-UCC3941-3 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
List of Unclassifed Man...
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-5 TI1-UCC3941-5 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
List of Unclassifed Man...
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com