Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1353F-66AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1353F-66AI
Description  4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353F-66AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1353F-66AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1353F-66AI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7C1353F
Document #: 38-05212 Rev. *B
Page 8 of 13
ISB3
Automatic CE Power-down
Current—CMOS Inputs
VDD = Max, Device Deselected,
VIN ≥VDDQ – 0.3V or VIN ≤ 0.3V,
f = fMAX, inputs switching
7.5-ns cycle, 133 MHz
75
mA
8.5-ns cycle, 117 MHz
70
mA
10-ns cycle, 100 MHz
65
mA
15-ns cycle, 66 MHz
45
mA
ISB4
Automatic CE Power-down
Current—TTL Inputs
VDD = Max, Device Deselected,
VIN ≥ VDD – 0.3V or VIN ≤ 0.3V, f =
0, inputs static
All speeds
45
mA
Thermal Resistance[11]
Parameters
Description
Test Conditions
TQFP Typ.
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance,
per EIA / JESD51.
41.83
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
9.99
°C/W
Capacitance[11]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V
VDDQ=3.3V
5pF
CCLOCK
Clock Input Capacitance
5
pF
CI/O
I/O Capacitance
5
pF
Electrical Characteristics Over the Operating Range(continued)[9,10]
Parameter
Description
Test Conditions
Min.
Max.
Unit
AC Test Loads and Waveforms
Note:
11. Tested initially and after any design or process changes that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VL = 1.5V
3.3V
ALL INPUT PULSES
VDD
GND
90%
10%
90%
10%
≤ 1ns
≤ 1ns
(c)
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VL = 1.25V
2.5V
ALL INPUT PULSES
VDD
GND
90%
10%
90%
10%
≤ 1ns
≤ 1ns
(c)
3.3V I/O Test Load
2.5V I/O Test Load


Similar Part No. - CY7C1353F-66AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-40AC CYPRESS-CY7C1353-40AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-50AC CYPRESS-CY7C1353-50AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353-66AC CYPRESS-CY7C1353-66AC Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1353F-66AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1352B CYPRESS-CY7C1352B Datasheet
189Kb / 12P
   256K x 18 Pipilined SRAm with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com