Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHQ54110 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHQ54110
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28), 100V, Quad N-CHANNEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ54110 Datasheet(HTML) 2 Page - International Rectifier

  IRHQ54110 Datasheet HTML 1Page - International Rectifier IRHQ54110 Datasheet HTML 2Page - International Rectifier IRHQ54110 Datasheet HTML 3Page - International Rectifier IRHQ54110 Datasheet HTML 4Page - International Rectifier IRHQ54110 Datasheet HTML 5Page - International Rectifier IRHQ54110 Datasheet HTML 6Page - International Rectifier IRHQ54110 Datasheet HTML 7Page - International Rectifier IRHQ54110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHQ57110
Pre-Irradiation
2
www.irf.com
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics (Per Die)
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
4.6
ISM
Pulse Source Current (Body Diode) ➀
18.4
VSD
Diode Forward Voltage
1.2
V
Tj = 25°C, IS = 4.6A, VGS = 0V ➃
trr
Reverse Recovery Time
173
nS
Tj = 25°C, IF = 4.6A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
863
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified) (Per Die)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.13
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.31
VGS = 12V, ID = 4.6A
Resistance
0.27
VGS = 12V, ID = 2.9A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
3.3
S ( )VDS > 15V, IDS = 2.9A ➃
IDSS
Zero Gate Voltage Drain Current
10
VDS= 80V, VGS=0V
——
25
VDS = 80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
13
VGS = 12V, ID = 4.6A
Qgs
Gate-to-Source Charge
4.0
nC
VDS = 50V
Qgd
Gate-to-Drain (‘Miller’) Charge
3.9
td(on)
Turn-On Delay Time
20
VDD = 50V, ID = 4.6A,
tr
Rise Time
24
VGS = 12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
32
tf
Fall Time
90
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
371
VGS = 0V, VDS = 25V
Coss
Output Capacitance
108
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
3.0
nA
nH
ns
µA
Measured from the center of
drain pad to center of source pad
Note: Corresponding Spice and Saber models are available on the G&S Website.
Thermal Resistance (Per Die)
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
11.8
RthJA
Junction-to-Ambient
60
Typical socket mount
°C/W


Similar Part No. - IRHQ54110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ563110 IRF-IRHQ563110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ563110N IRF-IRHQ563110N Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ563110P IRF-IRHQ563110P Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ567110 IRF-IRHQ567110 Datasheet
240Kb / 14P
   Simple Drive Requirements
More results

Similar Description - IRHQ54110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ597110 IRF-IRHQ597110 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28) 100V, Quad P-CHANNEL
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ57214SE IRF-IRHQ57214SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com