Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3943 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UCC3943
Description  1V Synchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3943 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UCC3943 Datasheet HTML 2Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 8Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 9Page - List of Unclassifed Manufacturers UCC3943 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
UCC2941-3/-5/-ADJ
UCC3941-3/-5/-ADJ
Programming the Power Limit
The UCC3941 incorporates an adaptive power limit con-
trol which modifies the converter current limit as a func-
tion of input voltage. In order to program the function, the
user simply determines the output power requirements
and makes an initial converter efficiency estimate. The
programming resistor is chosen by:
R
n
Pn V
PL
OUT
BAT
=
••
11 8
026
67
.
–.
–.
Where
n is the initial efficiency estimate. For 500mW of
output power, with a 1.0V input, and an efficiency esti-
mate of 0.75:
()
()( )
RPL ==
11 8 0 75
05
0 26 0 75 1 0
67
22
..
.– .
.
.
–.
For decreasing values of RPL, the power limit increases.
Therefore, to insure that the converter can supply
500mW of output power, a power limiting resistor of less
than 22
Ω must be chosen.
()
PV
I
L
BAT
L
=•
=
=
11.8
2+ 6.7
+1.0 0 . 26
0.67W
2
This power limiting setting will support 0.5W of output
power. It should be noted that the power limit equation
contains an approximation which results in slightly less
actual input power than the equation predicts. This dis-
crepancy results from the fact that the average current
delivered to the load will be less than the peak current
set by the power limit function due to current ripple. How-
ever, if the ripple component of the current is kept low,
the power limit equation can be used as an adequate es-
timate of input power. Furthermore, since an initial effi-
ciency estimate was required, sufficient margin can be
built into this estimate to insure proper converter opera-
tion. The 6.2
Ω external power limit resister in Fig. 3-5 will
result in approximately 700mW of power capability with a
APPLICATION INFORMATION (cont.)
5
8
1
7
6
VOUT
SW
10SN100M
100
µF
R
PL
6.2
WCR0805-6R207
4
3.3V AT 500mW
2
SD
VGD
10
µF
OPEN =
SD
3
VIN
10
µF
MMSZ5240BT1
+1V TO 3.5V
DT3316P-223
22
µH
PLIM
SGND
PGND
UCC3941-3
8V
Figure 3. Dual output synchronous boost 3.3V
version.
UDG-98163
5
8
1
7
6
VOUT
SW
10SN100M
100
µF
R
PL
6.2
WCR0805-6R207
4
5.0V AT 500mW
2
SD
VGD
10
µF
OPEN =
SD
3
VIN
10
µF
MMSZ5240BT1
+1V TO 5.5V
DT3316P-223
22
µH
PLIM
ADJ
PGND
UCC3941-5
8V
Figure 4. Dual output synchronous boost 5V version.
UDG-98159
5
8
1
7
6
VOUT
SW
10SN100M
100
µF
R
PL
6.2
WCR0805-6R207
4
3.3V AT 500mW
2
SD
VGD
10
µF
OPEN =
SD
3
VIN
10
µF
MMSZ5240BT1
+1V TO VOUT + 0.5V
DT3316P-223
22
µH
PLIM
SGND
PGND
UCC3941-3
10V
R1
R2
VOUT=1.25(1+
)
R1
R2
Figure 5. Dual output synchronous boost ADJ
version.
UDG-98164


Similar Part No. - UCC3943

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-3 TI1-UCC3941-3 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
List of Unclassifed Man...
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-5 TI1-UCC3941-5 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
List of Unclassifed Man...
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3943

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com