Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHQ58110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHQ58110
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28), 100V, Quad N-CHANNEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ58110 Datasheet(HTML) 1 Page - International Rectifier

  IRHQ58110 Datasheet HTML 1Page - International Rectifier IRHQ58110 Datasheet HTML 2Page - International Rectifier IRHQ58110 Datasheet HTML 3Page - International Rectifier IRHQ58110 Datasheet HTML 4Page - International Rectifier IRHQ58110 Datasheet HTML 5Page - International Rectifier IRHQ58110 Datasheet HTML 6Page - International Rectifier IRHQ58110 Datasheet HTML 7Page - International Rectifier IRHQ58110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (LCC-28)
08/01/01
www.irf.com
1
LCC-28
IRHQ57110
100V, Quad N-CHANNEL
RAD-Hard
HEXFET
®
TECHNOLOGY
International Rectifier’s RAD-HardTM HEXFET® MOSFET
Technology provides high performance power MOSFETs
for space applications. This technology has over a decade
of proven performance and reliability in satellite applica-
tions. These devices have been characterized for both
Total Dose and Single Event Effects (SEE). The combina-
tion of low RDS(on) and low gate charge reduces the power
losses in switching applications such as DC to DC con-
verters and motor control. These devices retain all of the
well established advantages of MOSFETs such as voltage
control, fast switching, ease of paralleling and tempera-
ture stability of electrical parameters.
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
4
4#
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHQ57110
100K Rads (Si)
0.27
4.6A
IRHQ53110
300K Rads (Si)
0.27
4.6A
IRHQ54110
600K Rads (Si)
0.27
4.6A
IRHQ58110 1000K Rads (Si)
0.29
4.6A
Absolute Maximum Ratings (Per Die)
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
4.6
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
2.9
IDM
Pulsed Drain Current ➀
18.4
PD @ TC = 25°C
Max. Power Dissipation
12
W
Linear Derating Factor
0.1
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
47
mJ
IAR
Avalanche Current ➀
4.6
A
EAR
Repetitive Avalanche Energy ➀
1.2
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
6.1
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.89 (Typical)
g
oC
A
For footnotes refer to the last page
Pre-Irradiation
PD - 94211A


Similar Part No. - IRHQ58110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ563110 IRF-IRHQ563110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ563110N IRF-IRHQ563110N Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ563110P IRF-IRHQ563110P Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ567110 IRF-IRHQ567110 Datasheet
240Kb / 14P
   Simple Drive Requirements
More results

Similar Description - IRHQ58110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ597110 IRF-IRHQ597110 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28) 100V, Quad P-CHANNEL
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ57214SE IRF-IRHQ57214SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com