Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00DIV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT75VL00DIV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00DIV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT75VL00DIV Datasheet HTML 6Page - Exar Corporation XRT75VL00DIV Datasheet HTML 7Page - Exar Corporation XRT75VL00DIV Datasheet HTML 8Page - Exar Corporation XRT75VL00DIV Datasheet HTML 9Page - Exar Corporation XRT75VL00DIV Datasheet HTML 10Page - Exar Corporation XRT75VL00DIV Datasheet HTML 11Page - Exar Corporation XRT75VL00DIV Datasheet HTML 12Page - Exar Corporation XRT75VL00DIV Datasheet HTML 13Page - Exar Corporation XRT75VL00DIV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
5
51
TRING
O
Transmit Ring Output
The XRT75VL00D uses this pin along with TTIP to transmit a bipolar signal to
the line using a 1:1 transformer.
1TxLEV
I
Transmit Line Build-Out Enable/Disable Select
This input pin is used to enable or disable the Transmit Line Build-Out circuit.
Setting this pin to "High" disables the Line Build-Out circuit. In this mode, par-
tially-shaped pulses are output onto the line via the TTIP and TRING output
pins.
Setting this pin to "Low" enables the Line Build-Out circuit. In this mode, shaped
pulses are output onto the line via the TTIPand TRING output pins.
To comply with the Isolated DSX-3/STSX-1 Pulse Template Requirements per
Bellcore GR-499-CORE or Bellcore GR-253-CORE:
1. Set this pin to "1" if the cable length between the Cross-Connect and the
transmit output is greater than 225 feet.
2. Set this pin to "0" if the cable length between the Cross-Connect and the
transmit output is less than 225 feet.
This pin is active only if the following two conditions are true:
a. The XRT75VL00D is configured to operate in either the DS3 or SONET STS-
1 Modes.
b. The XRT75VL00D is configured to operate in the Hardware Mode.
NOTES:
1.
This pin is internally pulled down.
2.
If the XRT75VL00D is configured in HOST mode, this pin may be tied
to GND.
TRANSMIT INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75VL00DIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00DIV EXAR-XRT75VL00DIV Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75VL00DIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com