Electronic Components Datasheet Search |
|
XRT75VL00DIV Datasheet(PDF) 11 Page - Exar Corporation |
|
XRT75VL00DIV Datasheet(HTML) 11 Page - Exar Corporation |
11 / 92 page XRT75VL00D REV. 1.0.3 E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER 6 RECEIVE INTERFACE PIN #SIGNAL NAME TYPE DESCRIPTION 25 RxON/ SDI I Receiver Turn ON Input or Serial Data Input: Function of this pin depends on whether the XRT75VL00D is configured to operate in Hardware mode or Host mode. In Hardware mode, setting this input pin “High” turns on and enables the Receiver.. NOTES: 1. If the XRT75VL00D is configured in HOST mode, this pin functions as SDI input pin (please refer to the pin description for Microprocessor Interface) 2. This pin is internally pulled down. 23 REQEN I Receive Equalization Enable Input Setting this input pin "High" enables the Internal Receive Equalizer. Setting this pin "Low" disables the Internal Receive Equalizer. NOTES: 1. This input pin is ignored and may be connected to GND if the XRT75VL00D is operating in the HOST Mode 2. This pin is internally pulled down. 36 RxClk O Receive Clock Output The Recovered Clock signal from the incoming line signal is output through this pin.By default, the Receiver Section outputs data via RPOS and RNEG pins on the rising edge of this clock signal. Configure the Receiver Section to update data on the RPOS and RNEG pins on the falling edge of RxClk by doing the following: a) Operating in Hardware mode, pull the RxClkINV pin to “High”. b) Operating in Host mode, write a “1” to RxClkINV bit field within the Receive Control Register. 24 RxClkINV/ CS I RxClk INVERT or Chip Select: Function of this pin depends on whether the XRT75VL00D is configured to operate in Hardware mode or Host mode. In Hardware mode, setting this input pin “High” configures the Receiver Sec- tion to invert the RxClk output signals and outputs the recovered data via RPOS and RNEG on the falling edge of RxClk. NOTE: If the XRT75VL00D is configured in HOST mode, this pin functions as CS input pin (please refer to the pin description for Microprocessor Interface). 38 RPOS O Receive Positive Data Output This output pin pulses “High" whenever the XRT75VL00D has received a Posi- tive Polarity pulse in the incoming line signal at the RTIP/RRing inputs. |
Similar Part No. - XRT75VL00DIV |
|
Similar Description - XRT75VL00DIV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |