Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDB09E120 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDB09E120
Description  Fast Switching EmCon Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDB09E120 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDB09E120 Datasheet HTML 1Page - Infineon Technologies AG IDB09E120 Datasheet HTML 2Page - Infineon Technologies AG IDB09E120 Datasheet HTML 3Page - Infineon Technologies AG IDB09E120 Datasheet HTML 4Page - Infineon Technologies AG IDB09E120 Datasheet HTML 5Page - Infineon Technologies AG IDB09E120 Datasheet HTML 6Page - Infineon Technologies AG IDB09E120 Datasheet HTML 7Page - Infineon Technologies AG IDB09E120 Datasheet HTML 8Page - Infineon Technologies AG IDB09E120 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2003-07-31
Rev.2
Page 5
IDP09E120
IDB09E120
5 Typ. reverse recovery time
trr = f (diF/dt)
parameter: VR = 800V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
90
140
190
240
290
340
390
440
490
540
590
ns
690
18A
9A
4,5A
6 Typ. reverse recovery charge
Qrr=f(diF/dt)
parameter: VR = 800V, Tj = 125 °C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
nC
2000
18A
4,5A
9A
7 Typ. reverse recovery current
Irr = f (diF/dt)
parameter: VR = 800V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
5
7
9
11
13
15
17
A
21
18A
9A
4,5A
8 Typ. reverse recovery softness factor
S = f(diF/dt)
parameter: VR = 800V, Tj = 125°C
200
300
400
500
600
700
800 A/µs 1000
diF/dt
2
4
6
8
10
12
14
18
18A
9A
4,5A


Similar Part No. - IDB09E120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB09E120 INFINEON-IDB09E120 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
More results

Similar Description - IDB09E120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com